Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25WD020-JKLE Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS25WD020-JKLE
Description  2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WD020-JKLE Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS25WD020-JKLE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
IS25WD020/040
Integrated Silicon Solution, Inc.- www.issi.com
Rev. F
07/31/2013
9
REGISTERS (CONTINUED)
PROTECTION MODE
The IS25WD020/040 have two types of write-
protection mechanisms: hardware and software.
These are used to prevent irrelevant operation in a
possibly noisy environment and protect the data
integrity.
HARDWARE WRITE-PROTECTION
The devices provide two hardware write-protection
features:
a. When inputting a program, erase or write status
register instruction, the number of clock pulse is
checked to determine whether it is a multiple of eight
before the executing. Any incomplete instruction
command sequence will be ignored.
0.
The Write Protection (WP#) pin provides a
hardware write protection method for BP2, BP1,
BP0 and SRWD in the Status Register. Refer to
the STATUS REGISTER description.
c.
Write inhibit is 1.5 V, all write sequence will be
ignored when Vcc drop to 1.5 V and lower
SOFTWARE WRITE PROTECTION
The IS25WD020/040 also provides two software write
protection features:
a. Before the execution of any program, erase or write
status register instruction, the Write Enable Latch
(WEL) bit must be enabled by executing a Write
Enable (WREN) instruction. If the WEL bit is not
enabled first, the program, erase or write register
instruction will be ignored.
b. The Block Protection (BP2, BP1, BP0) bits allow part
or the whole memory area to be write-protected.
Table 9. Hardware Write Protection on Status
Register
SRWD
WP#
Status Register
0
Low
Writable
1
Low
Protected
0
High
Writable
1
High
Writable


Similar Part No. - IS25WD020-JKLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP016D-JBLA3 ISSI-IS25WP016D-JBLA3 Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLA3:P ISSI-IS25WP016D-JBLA3:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLE ISSI-IS25WP016D-JBLE Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLE:P ISSI-IS25WP016D-JBLE:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results

Similar Description - IS25WD020-JKLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LD040 ISSI-IS25LD040 Datasheet
430Kb / 36P
   4 Mbit Single Operating Voltage Serial Flash Memory
logo
List of Unclassifed Man...
IS25CD010 ETC2-IS25CD010 Datasheet
912Kb / 40P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory
logo
Integrated Silicon Solu...
IS25LQ040 ISSI-IS25LQ040 Datasheet
746Kb / 54P
   4 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25WQ080 ISSI-IS25WQ080 Datasheet
1Mb / 60P
   8 Mbit bit Single Operating Voltage Serial Flash Memory
IS25LQ080 ISSI-IS25LQ080 Datasheet
1Mb / 54P
   8 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25LQ016 ISSI-IS25LQ016 Datasheet
921Kb / 52P
   16 Mbit Single Operating Voltage Serial Flash Memory With 104
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com