Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25WD020-JKLE Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS25WD020-JKLE
Description  2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WD020-JKLE Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS25WD020-JKLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25WD020-JKLE Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
IS25WD020/040
Integrated Silicon Solution, Inc.- www.issi.com
Rev. F
07/31/2013
11
DEVICE OPERATION (CONTINUED)
RDID COMMAND (READ PRODUCT
IDENTIFICATION) OPERATION
The Read Product Identification (RDID) instruction is
for reading out the old style of 8-bit Electronic
Signature, whose values are shown as table of ID
Definitions. This is not same as RDID or JEDEC ID
ins
truction. It’s not recommended to use for new
design. For new design, please use RDID or JEDEC ID
instruction.
The RDES instruction code is followed by three dummy
bytes, each bit being latched-in on SI during the rising
edge of SCK. Then the Device ID is shifted out on SO
with the MSB first, each bit been shifted out during the
falling edge of SCK. The RDES instruction is ended by
CE# goes high. The Device ID outputs repeatedly if
continuously send the additional clock cycles on SCK
while CE# is at low.
Table 11. Product Identification
Product Identification
Data
Manufacturer ID
First Byte
9Dh
Second Byte
7Fh
Device ID:
Device ID 1
Device ID 2
IS25WD020
11h
32h
IS25WD040
12h
33h
Figure 3. Read Product Identification Sequence
0
1
8
31
38
39
46
47
54
HIGH IMPEDANCE
Device ID1
Device ID1
Device ID1
SCK
CE#
SI
SO
INSTRUCTION
9
7
1010 1011b
3 Dummy Bytes


Similar Part No. - IS25WD020-JKLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP016D-JBLA3 ISSI-IS25WP016D-JBLA3 Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLA3:P ISSI-IS25WP016D-JBLA3:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLE ISSI-IS25WP016D-JBLE Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLE:P ISSI-IS25WP016D-JBLE:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results

Similar Description - IS25WD020-JKLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LD040 ISSI-IS25LD040 Datasheet
430Kb / 36P
   4 Mbit Single Operating Voltage Serial Flash Memory
logo
List of Unclassifed Man...
IS25CD010 ETC2-IS25CD010 Datasheet
912Kb / 40P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory
logo
Integrated Silicon Solu...
IS25LQ040 ISSI-IS25LQ040 Datasheet
746Kb / 54P
   4 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25WQ080 ISSI-IS25WQ080 Datasheet
1Mb / 60P
   8 Mbit bit Single Operating Voltage Serial Flash Memory
IS25LQ080 ISSI-IS25LQ080 Datasheet
1Mb / 54P
   8 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25LQ016 ISSI-IS25LQ016 Datasheet
921Kb / 52P
   16 Mbit Single Operating Voltage Serial Flash Memory With 104
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com