Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25WD020-JNLE Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS25WD020-JNLE
Description  2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WD020-JNLE Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS25WD020-JNLE Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25WD020-JNLE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25WD020-JNLE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25WD020-JNLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25WD020-JNLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25WD020-JNLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25WD020-JNLE Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25WD020-JNLE Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25WD020-JNLE Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
IS25WD020/040
Integrated Silicon Solution, Inc.- www.issi.com
Rev. F
07/31/2013
8
REGISTERS (CONTINUED)
Table 6. Status Register Bit Definition
Bit
Name
Definition
Read-
/Write
Non-Volatile
bit
Bit 0
WIP
Write In Progress Bit:
“0” indicates the device is ready
“1” indicates a write cycle is in progress and the device is busy
R
No
Bit 1
WEL
Write Enable Latch:
“0” indicates the device is not write enabled
“1” indicates the device is write enabled (default)
R/W
No
Bit 2
BP0
Block Protection Bit: (See Table 7 and Table 8 for details)
“0” indicates the specific blocks are not write-protected (default)
“1” indicates the specific blocks are write-protected
R/W
Yes
Bit 3
BP1
Bit 4
BP2
Bits 5
– 6
N/A
Reserved: Always
“0”s
N/A
Bit 7
SRWD
Status Register Write Disable: (See Table 9 for details)
“0” indicates the Status Register is not write-protected (default)
“1” indicates the Status Register is write-protected
R/W
Yes
Table 8. Block Write Protect Bits for IS25WD020
Status Register Bits
Protected Memory Area
BP2
BP1
BP0
2 Mbit
Not used
0
0
None
Not used
0
1
Upper eight (block : 3): 030000h
– 03FFFFh
Not used
1
0
Upper quarter (two blocks :2 and 3): 020000h
– 03FFFFh
Not used
1
1
Upper half (four blocks :0 to 3): 000000h
– 03FFFFh
Table 8-1. Block Write Protect Bits for IS25WD040
Status Register Bits
Protected Memory Area
BP2
BP1
BP0
4 Mbit
0
0
0
None
0
0
1
Upper eight (block : 7): 070000h
– 07FFFFh
0
1
0
Upper quarter (two blocks :6 and 7): 060000h
– 07FFFFh
0
1
1
Upper half (four blocks :4 to 7): 040000h
– 07FFFFh
1
0
0
All Blocks (Block 0 to 7):
000000h
– 07FFFFh
1
0
1
1
1
0
1
1
1


Similar Part No. - IS25WD020-JNLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP016D-JBLA3 ISSI-IS25WP016D-JBLA3 Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLA3:P ISSI-IS25WP016D-JBLA3:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLE ISSI-IS25WP016D-JBLE Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLE:P ISSI-IS25WP016D-JBLE:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results

Similar Description - IS25WD020-JNLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LD040 ISSI-IS25LD040 Datasheet
430Kb / 36P
   4 Mbit Single Operating Voltage Serial Flash Memory
logo
List of Unclassifed Man...
IS25CD010 ETC2-IS25CD010 Datasheet
912Kb / 40P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory
logo
Integrated Silicon Solu...
IS25LQ040 ISSI-IS25LQ040 Datasheet
746Kb / 54P
   4 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25WQ080 ISSI-IS25WQ080 Datasheet
1Mb / 60P
   8 Mbit bit Single Operating Voltage Serial Flash Memory
IS25LQ080 ISSI-IS25LQ080 Datasheet
1Mb / 54P
   8 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25LQ016 ISSI-IS25LQ016 Datasheet
921Kb / 52P
   16 Mbit Single Operating Voltage Serial Flash Memory With 104
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com