Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIF3FC-10PA-2.54DSA Datasheet(PDF) 3 Page - Hirose Electric

Part No. HIF3FC-10PA-2.54DSA
Description  2.54mm Pitch Low Profile Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF3FC-10PA-2.54DSA Datasheet(HTML) 3 Page - Hirose Electric

  HIF3FC-10PA-2.54DSA Datasheet HTML 1Page - Hirose Electric HIF3FC-10PA-2.54DSA Datasheet HTML 2Page - Hirose Electric HIF3FC-10PA-2.54DSA Datasheet HTML 3Page - Hirose Electric HIF3FC-10PA-2.54DSA Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A108
sRight Angle Type Pin Header
Note 1: Two types of 50 contacts are available. Please use
products according to the table as shown below.
Note 2: The number of polarizing key mounted positions differs
according to products. Please refer to the table as shown below.
Note 3: The 10 contact type has no standoff at the center.
Note 4: * indicates the number of contacts.
C
Part Number
CL No.
B
D (Note 1) Polarizing Key Mounted Position(Note 2)
A
Number of Contacts
10
14
16
20
26
30
34
40
50
50
20.2
25.28
27.82
32.9
40.52
45.6
50.68
58.30
71.0
71.0
17.5
22.58
25.12
30.2
37.82
42.9
47.98
55.60
68.3
68.3
10.16
15.24
17.78
22.86
30.48
35.56
40.64
48.26
60.96
60.96
4.1
4.1
4.1
4.1
4.1
4.1
4.1
4.1
4.1
26.96
None
1 point on the left side
1 point on the right and left
sides, respectively
HIF3FC -10PA-2.54DS
HIF3FC -14PA-2.54DS
HIF3FC -16PA-2.54DS
HIF3FC -20PA-2.54DS
HIF3FC -26PA-2.54DS
HIF3FC -30PA-2.54DS
HIF3FC -34PA-2.54DS
HIF3FC -40PA-2.54DS
HIF3FC -50PA-2.54DS
HIF3FCA-50PA-2.54DS
616-0061-0
616-0062-2
616-0063-5
616-0064-8
616-0065-0
616-0066-3
616-0067-6
616-0068-9
616-0069-1
616-0070-0
Unit: mm
C
Part Number
CL No.
B
D (Note 1) Polarizing Key Mounted Position
A
Number of Contacts
60
60
64
64
83.7
83.7
88.78
88.78
81.0
81.0
86.1
86.1
73.66
73.66
78.74
78.74
4.1
26.96
4.1
26.96
1 point on the right and left
sides, respectively
HIF3FB -60PA-2.54DS
HIF3FBA-60PA-2.54DS
HIF3FB -64PA-2.54DS
HIF3FBA-64PA-2.54DS
616-0030-6
616-0042-5
616-0031-9
616-0043-8
Unit: mm
Note 1: Two types are available. Please use them according to
the table as shown below.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn