Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25CQ032 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS25CQ032
Description  3V- QUAD SERIAL FLASH MEMORY MULTI- I/O SPI
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25CQ032 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS25CQ032 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25CQ032 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25CQ032 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25CQ032 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25CQ032 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25CQ032 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25CQ032 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25CQ032 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25CQ032 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
IS25CQ032
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
2/13/2014
2
FEATURES
 Industry Standard Serial Interface
- IS25CQ032: 32M-bit/ 4M-byte
- 256-bytes per Programmable Page Standard
- Standard SPI/ Dual SPI/ Quad SPI
 High Performance Serial Flash (SPI)
- 104 MHz SPI/ 80 MHz Dual or Quad SPI
- 320 MHz equivalent Quad SPI
- 40MB/S Continuous Data Throughput
- Supports SPI Modes 0 and 3
- More than 100,000 erase/program cycles
(1)
- More than 20-year data retention
 Efficient Read and Program modes
- Low Instruction Overhead Operations
- Continuous data read with Byte Wrap around
- Allows XIP operations (execute in place)
- Outperforms X16 Parallel Flash
 Flexible & Cost Efficient Memory Architecture
- Uniform 4K-byte Sector Erase
- Uniform 64K-byte Block Erase
- Program from 1 to 256 bytes
- Erase Suspend and Resume
 Low Power with Wide Temp. Ranges
- Single 2.7V to 3.6V Voltage Supply
- 10 mA Active Read Current
- 5 µA Standby Current
- Temp Grades:
Extended: -40°C to +105°C
Auto Grade: up to +125°C (call factory)
Advanced Security Protection
- Software and Hardware Write Protection
- 64-Byte dedicated area, user-lockable, One
Time Programmable Memory (OTP)
 Industry Standard Pin-out & Pb-Free Packages
- JM =16-pin SOIC 300mil
- JB = 8-pin SOIC 208mil
- JF = 8-pin VSOP 208mil
- JK = 8-pin WSON 6x5mm
- JL = 8-pin WSON 8x6mm
- JG= 24-TFBGA (call factory)
- KGD (call factory)
GENERAL DESCRIPTION
The IS25CQ032 (32M-bit) Serial Flash memory offers a storage solution with flexibility and performance in a
simplified pin count package. ISSI
’s “Industry Standard Serial Interface” is for systems that have limited space,
pins, and power. The IS25CQ032 are accessed through a 4-wire SPI Interface consisting of a Serial Data Input
(Sl), Serial Data Output (SO), Serial Clock (SCK), and Chip Enable (CE#) pins, which also serve as multi-
function I/O pins in Dual and Quad modes (see pin descriptions). The IS25xQ series of flash is ideal for code
shadowing to RAM, execute in place (XIP) operations, and storing non-volatile data.
The memory array is organized into programmable pages of 256-bytes each. The IS25CQ032 supports page
program mode where 1 to 256 bytes of data can be programmed into the memory with one command. Pages
can be erased in groups of 4K-byte sectors, 64K-byte blocks, and/or the entire chip. The uniform 4K-byte
sectors and 64K-byte blocks allow greater flexibility for a variety of applications requiring solid data retention.
The device supports the standard Serial Peripheral Interface (SPI), Dual/Quad output (SPI), and Dual/Quad I/O
(SPI). Clock frequencies of up to 104MHz and 80MHz for Dual/Quad I/O modes allow for equivalent clock rates
of up to 320MHz (80MHz x 4) allowing up to 40MB/S of throughput. These transfer rates can outperform 16-bit
Parallel Flash memories allowing for efficient memory access for a XIP (execute in place) operation.
The IS25CQ032 is manufactured using industry leading non-volatile memory technology. The devices are
offered in industry standard lead-free packages. See Ordering Information for the density and package
combinations available.
1.
100,000 Continuous Chip and Block cycling, 100,000 Continuous Sector cycling
32M-BIT
3V- QUAD SERIAL FLASH MEMORY MULTI- I/O SPI


Similar Part No. - IS25CQ032

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01-2GI ISSI-IS25C01-2GI Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01-2GLI ISSI-IS25C01-2GLI Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01-2PI ISSI-IS25C01-2PI Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01-2PLI ISSI-IS25C01-2PLI Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25CQ032

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LQ025B ISSI-IS25LQ025B Datasheet
1,002Kb / 66P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LQ032B ISSI-IS25LQ032B Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LP256 ISSI-IS25LP256 Datasheet
984Kb / 15P
   3V SERIAL FLASH MEMORY WITH 166MHZ MULTI I/O SPI
IS25LP128 ISSI-IS25LP128 Datasheet
2Mb / 90P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25LP064A ISSI-IS25LP064A Datasheet
1Mb / 99P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WQ020 ISSI-IS25WQ020 Datasheet
805Kb / 65P
   1.8V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP080D ISSI-IS25LP080D Datasheet
1Mb / 108P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D ISSI-IS25LP256D Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com