Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF20A-40DS-1V Datasheet(PDF) 4 Page - Hirose Electric

Part # DF20A-40DS-1V
Description  1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF20A-40DS-1V Datasheet(HTML) 4 Page - Hirose Electric

  DF20A-40DS-1V Datasheet HTML 1Page - Hirose Electric DF20A-40DS-1V Datasheet HTML 2Page - Hirose Electric DF20A-40DS-1V Datasheet HTML 3Page - Hirose Electric DF20A-40DS-1V Datasheet HTML 4Page - Hirose Electric DF20A-40DS-1V Datasheet HTML 5Page - Hirose Electric DF20A-40DS-1V Datasheet HTML 6Page - Hirose Electric DF20A-40DS-1V Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
s Double Row Straight Pin header
BPCB Footprints
D±0.05
P=1±0.03
A ±0.05
0.85±0.1
0.9±0.05
0.6±0.05
Contact No.1
Contact No.2
Contact No. **
Contact No. **-1
Contact No.3
0.2
C
D
Ø0.5
0.2
1.9
5.4
6.4
P=1
A
B
Contact No. 1 marking
Indication of number
of contacts
Note 1:Shaded area must be free of any electrically conductive traces to avoid contact with soldered pin header terminations.
Note 2: Required only for pin headers supplied with the positioning boss.
[Specifications number]-*, (**)
(59): Gold plating, embossed tape
packaging
CL No.
Product No.
Number of contacts
A
B
C
D
Remarks
CL686-0032-2-
* *
CL686-0033-5-
* *
CL686-0034-8-
* *
CL686-0035-0-
* *
CL686-0036-3-
* *
CL686-0037-6-
* *
CL686-0038-9-
* *
CL686-0039-1-
* *
CL686-0040-0-
* *
CL686-0041-3-
* *
DF20F-10DP-1V (
* * )
DF20F-20DP-1V (
* * )
DF20F-30DP-1V (
* * )
DF20F-40DP-1V (
* * )
DF20F-50DP-1V (
* * )
DF20G-10DP-1V (
* * )
DF20G-20DP-1V (
* * )
DF20G-30DP-1V (
* * )
DF20G-40DP-1V (
* * )
DF20G-50DP-1V (
* * )
10
20
30
40
50
10
20
30
40
50
14.0
19.0
14.0
19.0
24.0
14.0
19.0
14.0
19.0
24.0
17.3
12.3
17.3
22.3
27.3
17.3
12.3
17.3
22.3
27.3
-----
-----
-----
-----
-----
16.6
11.6
16.6
21.6
26.6
15.7
10.7
15.7
20.7
25.7
15.7
10.7
15.7
20.7
25.7
Without boss
With boss
Unit: mm
Note1: Order embossed tape packaging items by the reel. (1 reel contains 1,000 pieces)
Note2: Vacuum pick-up platforms are included with embossed tape packaged connectors.


Similar Part No. - DF20A-40DS-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20A-40DS-1C HIROSE-DF20A-40DS-1C Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-40DS-1C HIROSE-DF20A-40DS-1C Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
More results

Similar Description - DF20A-40DS-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-20DP-1V56 HIROSE-DF20F-20DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C_1 Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20 HIROSE-DF20 Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com