Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD-0700M3-FH Datasheet(PDF) 4 Page - Hirose Electric

Part # HD-0700M3-FH
Description  3 dB 90째 Card Couplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HD-0700M3-FH Datasheet(HTML) 4 Page - Hirose Electric

  HD-0700M3-FH Datasheet HTML 1Page - Hirose Electric HD-0700M3-FH Datasheet HTML 2Page - Hirose Electric HD-0700M3-FH Datasheet HTML 3Page - Hirose Electric HD-0700M3-FH Datasheet HTML 4Page - Hirose Electric HD-0700M3-FH Datasheet HTML 5Page - Hirose Electric HD-0700M3-FH Datasheet HTML 6Page - Hirose Electric HD-0700M3-FH Datasheet HTML 7Page - Hirose Electric HD-0700M3-FH Datasheet HTML 8Page - Hirose Electric HD-0700M3-FH Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
30
sExternal Dimensions
HD-0053M3-IH
28.0
44.5
53.3
50.8
44.5
3.2
28.0
44.5
3.6
HD-0195M3-DH-I
17.3
26.9
36.3
38.1
31.8
2.9
17.3
31.8
3.3
HD-0300M3-FH-I
12.7
21.8
31.8
31.8
25.4
3.1
12.7
25.4
3.5
HD-0660M3-GH-I
7.9
17.8
25.4
25.4
19.1
3.1
7.9
19.1
3.5
HD-0750M3-GH
8.0
16.8
25.4
22.2
15.9
3.2
8.0
15.9
3.6
HD-0900M3-CH-I
8.0
17.0
25.5
22.5
15.9
3.4
8.0
15.9
3.8
AB
C
D
E
F
G
H
HD-0900M3-CH
8.0
17.0
25.5
22.5
15.9
3.0
8.0
15.9
HD-0620M3-EH
8.0
17.0
25.5
22.5
15.9
3.1
8.0
15.9
HD-0430M3-CH
12.8
21.8
32.0
32.0
25.4
3.0
12.8
25.4
HD-0300M3- FH
12.8
21.8
32.0
32.0
25.4
3.2
12.8
25.4
HD-0195M3-DH
28.0
37.1
46.1
51.0
44.5
3.0
28.0
44.5
HD-0155M3- I H
28.0
37.1
46.1
51.0
44.5
3.4
28.0
44.5
HD-0125M3-GH
28.0
37.1
46.1
51.0
44.5
3.2
28.0
44.5
HD-0070M3-GH
28.0
44.5
53.5
51.0
44.5
3.2
28.0
44.5
HD-0660M3-GH
8.0
17.0
25.5
22.5
15.9
3.3
8.0
15.9
HD-0700M3- FH
8.0
17.0
25.5
22.5
15.9
3.1
8.0
15.9
Part Number
Part Number
A
BC
D
E
F
G
H
I
Fig.1
Fig.2
PCB Mounting Pattern
PCB Mounting Pattern


Similar Part No. - HD-0700M3-FH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HD-02103AST HIROSE-HD-02103AST Datasheet
60Kb / 3P
   Stick Coupler
More results

Similar Description - HD-0700M3-FH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1F1304-3 ANAREN-1F1304-3 Datasheet
167Kb / 2P
   Hybrid Couplers 3 dB, 90째
1P503S ANAREN-1P503S Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
11302-3 ANAREN-11302-3 Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
11304-3S ANAREN-11304-3S Datasheet
163Kb / 2P
   Hybrid Couplers 3 dB, 90째
JP503 ANAREN-JP503 Datasheet
146Kb / 4P
   Hybrid Couplers 3 dB, 90째
JP503S ANAREN-JP503S Datasheet
357Kb / 3P
   Hybrid Couplers 3 dB, 90째
1P503 ANAREN-1P503 Datasheet
140Kb / 4P
   Hybrid Couplers 3 dB, 90째
11304-3 ANAREN-11304-3 Datasheet
159Kb / 2P
   Hybrid Couplers 3 dB, 90째
11305-3S ANAREN-11305-3S Datasheet
296Kb / 2P
   Hybrid Couplers 3 dB, 90째
11305-3 ANAREN-11305-3 Datasheet
337Kb / 2P
   Hybrid Couplers 3 dB, 90째
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com