Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD-0660M3-GH Datasheet(PDF) 1 Page - Hirose Electric

Part # HD-0660M3-GH
Description  3 dB 90째 Card Couplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HD-0660M3-GH Datasheet(HTML) 1 Page - Hirose Electric

  HD-0660M3-GH Datasheet HTML 1Page - Hirose Electric HD-0660M3-GH Datasheet HTML 2Page - Hirose Electric HD-0660M3-GH Datasheet HTML 3Page - Hirose Electric HD-0660M3-GH Datasheet HTML 4Page - Hirose Electric HD-0660M3-GH Datasheet HTML 5Page - Hirose Electric HD-0660M3-GH Datasheet HTML 6Page - Hirose Electric HD-0660M3-GH Datasheet HTML 7Page - Hirose Electric HD-0660M3-GH Datasheet HTML 8Page - Hirose Electric HD-0660M3-GH Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
27
3 dB 90° Card Couplers
HD-M Series
sFeatures
1.High Performance
The high frequency characteristics feature.
Extremely low loss and a high degree of matching.
2.Power Uniform Distribution and
90° Phase Difference Type
This is a one input, two output (or two input, one
output) power uniform distribution type having a
90° phase difference between the two outputs (or
two inputs).
3.Miniature and Lightweight
Corrosion-resistant aluminum is used for the cover
and the Hirose Electric original pattern design,
which uses a stripline triplate method, enables the
couplers to be extremely small and lightweight.
4.Equipped with Tabs
Tabs permit direct mounting to surface circuits.
5.High Power Type
This type can be used with up to 100 W of power.
sProduct Specifications
Note: The frequency range and the maximum input power will differ depending on the products.
qThe test method conforms to MIL-STD-202.
sMaterials
Ratings
Frequency range (Note)
Characteristic impedance
Maximum Input Power (Note)
30 to 6400 MHz
50 ohms
50 to 100 W
Operating temperature range
Operating relative humidity
-10ç to +65ç
95% Max.
Item
Standard
Conditions
Part
Material
Finish
Cover (A)
Stainless steel
---------
Cover (B)
Aluminum
Conductive white Alumite
Board
Dielectric
Gold plating
Rivets
Aluminum
---------
Eyelet
Brass
Nickel plating
Tabs
Phosphor bronze
Gold plating
Cover (A)
Stainless steel
---------
Cover (B)
Stainless steel
---------
1.Insulation resistance 500M ohms min
100 V DC
2.Vibration
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm,
acceleration of 98 m/s2 for 2 hours in each of 3 directions
3.Shock
Acceleration of 980 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
Temperature : -55ç ¡ +5ç to +35ç ¡ +85ç ¡ +5ç to +35ç
4.Temperature cycle No damage, cracks, or parts dislocation
Time : 30 ¡ 15 max. ¡ 30 ¡ 15 max. (Minutes)
200 cycles
5.Corrosion resistance No serious corrosion
Exposed to 20% salt water solution for 48 hours
6.Hydrogen sulfide gas No damage, cracks, or parts dislocation
Exposed to 10% potassium sulfide solution for 100 hours
No electrical discontinuity of 1 µs or more
No damage, cracks, or parts dislocation
HD-0053M3-IH
HD-0195M3-DH
HD-0195M3-DH-1
HD-0900M3-CH-1
HD-0620M3-EH
HD-1700M3-FH
HD-3900M3-BH
HD-0313M3-FH
HD-2100M3-CH
HD-1800M3-CH
HD-3200M3-BH
HD-6150M3-AH


Similar Part No. - HD-0660M3-GH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HD-02103AST HIROSE-HD-02103AST Datasheet
60Kb / 3P
   Stick Coupler
More results

Similar Description - HD-0660M3-GH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1F1304-3 ANAREN-1F1304-3 Datasheet
167Kb / 2P
   Hybrid Couplers 3 dB, 90째
1P503S ANAREN-1P503S Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
11302-3 ANAREN-11302-3 Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
11304-3S ANAREN-11304-3S Datasheet
163Kb / 2P
   Hybrid Couplers 3 dB, 90째
JP503 ANAREN-JP503 Datasheet
146Kb / 4P
   Hybrid Couplers 3 dB, 90째
JP503S ANAREN-JP503S Datasheet
357Kb / 3P
   Hybrid Couplers 3 dB, 90째
1P503 ANAREN-1P503 Datasheet
140Kb / 4P
   Hybrid Couplers 3 dB, 90째
11304-3 ANAREN-11304-3 Datasheet
159Kb / 2P
   Hybrid Couplers 3 dB, 90째
11305-3S ANAREN-11305-3S Datasheet
296Kb / 2P
   Hybrid Couplers 3 dB, 90째
11305-3 ANAREN-11305-3 Datasheet
337Kb / 2P
   Hybrid Couplers 3 dB, 90째
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com