Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46TR16640BL Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640BL
Description  Programmable CAS Latency
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640BL Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS46TR16640BL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46TR16640BL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46TR16640BL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46TR16640BL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46TR16640BL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46TR16640BL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46TR16640BL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46TR16640BL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46TR16640BL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
IS43/46TR16640B, IS43/46TR16640BL
IS43/46TR81280B, IS43/46TR81280BL
Integrated Silicon Solution, Inc.
– www.issi.com –
3
Rev. C1
11/12/2014
1.3 Pinout Description - JEDEC Standard
Symbol
Type
Function
CK, CK#
Input
Clock: CK and CK# are differential clock inputs. All address and control input signals are sampled
on the crossing of the positive edge of CK and negative edge of CK#.
CKE
Input
Clock Enable: CKE HIGH activates, and CKE Low deactivates, internal clock signals and device
input buffers and output drivers. Taking CKE Low provides Precharge Power-Down and Self-
Refresh operation (all banks idle), or Active Power-Down (row Active in any bank). CKE is
asynchronous for Self-Refresh exit. After VREFCA and VREFDQ have become stable during the
power on and initialization sequence, they must be maintained during all operations (including
Self-Refresh). CKE must be maintained high throughout read and write accesses. Input buffers,
excluding CK, CK#, ODT and CKE, are disabled during power-down. Input buffers, excluding
CKE, are disabled during Self-Refresh.
CS#
Input
Chip Select: All commands are masked when CS# is registered HIGH. CS# provides for external
Rank selection on systems with multiple Ranks. CS# is considered part of the command code.
ODT
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to the DDR3
SDRAM. When enabled, ODT is only applied to each DQ, DQSU, DQSU#, DQSL, DQSL#, DMU,
and DML signal. The ODT pin will be ignored if MR1 and MR2 are programmed to disable RTT.
RAS#. CAS#.
WE#
Input
Command Inputs: RAS#, CAS# and WE# (along with CS#) define the command being entered.
DM, (DMU),
(DML)
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when DM is
sampled HIGH coincident with that input data during a Write access. DM is sampled on both
edges of DQS. For x8 device, the function of DM or TDQS/TDQS# is enabled by Mode Register
A11 setting in MR1.
BA0 - BA2
Input
Bank Address Inputs: BA0 - BA2 define to which bank an Active, Read, Write, or Precharge
command is being applied. Bank address also determines which mode register is to be accessed
during a MRS cycle.
A0 - A13
Input
Address Inputs: Provide the row address for Active commands and the column address for Read/
Write commands to select one location out of the memory array in the respective bank. (A10/AP
and A12/BC# have additional functions; see below). The address inputs also provide the op-code
during Mode Register Set commands.
A10 / AP
Input
Auto-precharge: A10 is sampled during Read/Write commands to determine whether
Autoprecharge should be performed to the accessed bank after the Read/Write operation. (HIGH:
Autoprecharge; LOW: no Autoprecharge). A10 is sampled during a Precharge command to
determine whether the Precharge applies to one bank (A10 LOW) or all banks (A10 HIGH). If
only one bank is to be precharged, the bank is selected by bank addresses.
A12 / BC#
Input
Burst Chop: A12 / BC# is sampled during Read and Write commands to determine if burst chop
(on-the-fly) will be performed. (HIGH, no burst chop; LOW: burst chopped). See command truth
table for details.
RESET#
Input
Active Low Asynchronous Reset: Reset is active when RESET# is LOW, and inactive when
RESET# is HIGH. RESET# must be HIGH during normal operation. RESET# is a CMOS rail- to-
rail signal with DC high and low at 80% and 20% of VDD, i.e., 1.20V for DC high and 0.30V for
DC low.
DQ(DQL, DQU)
Input / Output
Data Input/ Output: Bi-directional data bus.
DQS,
DQS#, DQSU,
DQSU#, DQSL,
DQSL#
Input / Output
Data Strobe: output with read data, input with write data. Edge-aligned with read data, centered
in write data. For the x16, DQSL corresponds to the data on DQL0-DQL7; DQSU corresponds to
the data on DQU0-DQU7. The data strobes DQS, DQSL, and DQSU are paired with differential
signals DQS#, DQSL#, and DQSU#, respectively, to provide differential pair signaling to the
system during reads and writes. DDR3 SDRAM supports differential data strobe only and does
not support single-ended.
TDQS, TDQS#
Output
Termination Data Strobe: TDQS/TDQS# is applicable for x8 DRAMs only. When enabled via
Mode Register A11 = 1 in MR1, the DRAM will enable the same termination resistance function
on TDQS/TDQS# that is applied to DQS/DQS#. When disabled via mode register A11 = 0 in
MR1, DM/TDQS will provide the data mask function and TDQS# is not used. x16 DRAMs must
disable the TDQS function via mode register A11 = 0 in MR1.
NC
No Connect: No internal electrical connection is present.
VDDQ
Supply
DQ Power Supply: 1.5 V +/- 0.075 V for standard voltage or 1.35V +0.1V, -0.067V for low voltage
VSSQ
Supply
DQ Ground


Similar Part No. - IS46TR16640BL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46TR16640ED-125KBLA1 ISSI-IS46TR16640ED-125KBLA1 Datasheet
3Mb / 74P
   128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
IS46TR16640ED-125KBLA2 ISSI-IS46TR16640ED-125KBLA2 Datasheet
3Mb / 74P
   128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
IS46TR16640ED-125KBLA3 ISSI-IS46TR16640ED-125KBLA3 Datasheet
3Mb / 74P
   128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
IS46TR16640ED-15HBLA1 ISSI-IS46TR16640ED-15HBLA1 Datasheet
3Mb / 74P
   128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
IS46TR16640ED-15HBLA2 ISSI-IS46TR16640ED-15HBLA2 Datasheet
3Mb / 74P
   128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
More results

Similar Description - IS46TR16640BL

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M3244VBE EOREX-EM484M3244VBE Datasheet
1Mb / 18P
   Programmable CAS Latency
logo
Integrated Silicon Solu...
IS43TR16128B ISSI-IS43TR16128B Datasheet
3Mb / 88P
   Programmable CAS Latency
logo
Eorex Corporation
EM484M1644VTD EOREX-EM484M1644VTD Datasheet
1Mb / 18P
   Programmable CAS Latency
EM44CM0884LBA EOREX-EM44CM0884LBA Datasheet
778Kb / 28P
   Programmable CAS Latency
EM48BM1684LBC EOREX-EM48BM1684LBC Datasheet
1Mb / 20P
   Programmable CAS Latency
logo
Integrated Silicon Solu...
IS43TR16512A ISSI-IS43TR16512A Datasheet
2Mb / 80P
   Programmable CAS Latency
IS43TR16128C ISSI-IS43TR16128C Datasheet
3Mb / 88P
   Programmable CAS Latency
logo
Eorex Corporation
EM47FM0888SBA EOREX-EM47FM0888SBA Datasheet
2Mb / 39P
   Posted CAS by programmable additive latency
EM47EM1688SBC EOREX-EM47EM1688SBC Datasheet
3Mb / 37P
   CAS Write Latency
EM47EM1688MBB EOREX-EM47EM1688MBB Datasheet
3Mb / 38P
   CAS Write Latency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com