Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46DR16320D Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS46DR16320D
Description  Differential data strobe
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16320D Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS46DR16320D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46DR16320D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46DR16320D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR16320D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR16320D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR16320D Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46DR16320D Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46DR16320D Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46DR16320D Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
4/21/2014
IS43/46DR86400D, IS43/46DR16320D
Symbol
Parameter
Rating(1,2,3)
Units
TOPER
Commercial Temperature
Tc = 0 to +85
o
C
Industrial Temperature,
Tc = -40 to +95
o
C
Automotive Temperature (A1)
Ta = -40 to +85
o
C
Automotive Temperature (A2)
Tc = -40 to +105
o
C
Ta = -40 to +105
o
C
Operating Temperature Condition
ODT DC Electrical Characteristics
PARAMETER/CONDITION
SYMBOL
MIN
NOM MAX
UNITS NOTES
Rtt effective impedance value for EMR(1)[A6,A2]=0,1; 75 Ω
Rtt1(eff)
60
75
90
Ω
1
Rtt effective impedance value for EMR(1)[A6,A2]=1,0; 150 Ω Rtt2(eff)
120
150
180
Ω
1
Rtt effective impedance value for EMR(1)[A6,A2]=1,1; 50 Ω
Rtt3(eff)
40
50
60
Ω
1
Deviation of VM with respect to VDDQ/2
ΔVM
- 6
+ 6
%
1
Notes:
1. Test condition for Rtt measurements
Measurement Definition for Rtt(eff): Apply VIH (ac) and VIL (ac) to test pin separately, then measure current I(VIH (ac)) and I( VIL
(ac)) respectively. VIH (ac), VIL (ac), and VDDQ values defined in SSTL_18
Rtt (eff)
Vih (ac) - Vil (ac)
I(Vih (ac)) - I(Vil (ac))
Measurement Definition for VM: Measure voltage (VM) at test pin (midpoint) with no load.
ΔVM = [(2 x VM / VDDQ) - 1] x 100%
Notes:
1. Tc = Operating case temperature at center of package
2. Ta = Operating ambient temperature immediately above package center.
3. Both temperature specifications must be met.
Thermal Resistance:
Package
Substrate
Theta-ja
(Airflow = 0m/s)
Theta-ja
(Airflow = 1m/s)
Theta-ja
(Airflow = 2m/s)
Theta-jc
Units
60-ball BGA
4-layer
49.4
45.3
42.9
9.1
C/W
84-ball BGA
4-layer
42.5
38.8
36.6
8.4
C/W


Similar Part No. - IS46DR16320D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR16320 ISSI-IS46DR16320 Datasheet
867Kb / 29P
   Clock frequency up to 400MHz
IS46DR16320B-25DBLA2 ISSI-IS46DR16320B-25DBLA2 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR16320B-25EBLA1 ISSI-IS46DR16320B-25EBLA1 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR16320B-37CBA2 ISSI-IS46DR16320B-37CBA2 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR16320B-37CBLA1 ISSI-IS46DR16320B-37CBLA1 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
More results

Similar Description - IS46DR16320D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR81280C ISSI-IS43DR81280C Datasheet
1Mb / 49P
   Differential data strobe
IS4346DR16160B ISSI-IS4346DR16160B Datasheet
1Mb / 46P
   Differential data strobe
logo
Alliance Semiconductor ...
AS4C256M16D3LA-12BCN ALSC-AS4C256M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C256M16D3 ALSC-AS4C256M16D3 Datasheet
2Mb / 83P
   Bidirectional differential data strobe
2GB-DDR3L-AS4C256M8D3L ALSC-2GB-DDR3L-AS4C256M8D3L Datasheet
3Mb / 86P
   Bidirectional differential data strobe
logo
Micron Technology
MT41J128M16HA-125 MICRON-MT41J128M16HA-125 Datasheet
2Mb / 206P
   Differential bidirectional data strobe
MT40A1G4RH-075E MICRON-MT40A1G4RH-075E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A512M8RH-083E MICRON-MT40A512M8RH-083E Datasheet
10Mb / 365P
   Programmable data strobe preambles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com