Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS43DR86400D Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS43DR86400D
Description  Differential data strobe
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR86400D Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS43DR86400D Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43DR86400D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43DR86400D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43DR86400D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR86400D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43DR86400D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR86400D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR86400D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR86400D Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
5
Rev. A
4/21/2014
IS43/46DR86400D, IS43/46DR16320D
PIN CONFIGURATION
PACKAGE CODE: B 60 BALL FBGA (Top View) (8.00 mm x 10.5 mm Body, 0.8 mm Ball Pitch)
1 2 3 4 5 6 7 8 9
A
B
C
D
E
F
G
H
J
K
L
VDD
DQ6
VDDQ
DQ4
VDDL
NC
VSS
VDD
RDQS
VSSQ
DQ1
VSSQ
VREF
CKE
BA0
A10
A3
A7
A12
VSS
DM/RDQS
VDDQ
DQ3
VSS
WE
BA1
A1
A5
A9
NC
VSSQ
DQS
VDDQ
DQ2
VSSDL
RAS
CAS
A2
A6
A11
NC
DQS
VSSQ
DQ0
VSSQ
CK
CK
CS
A0
A4
A8
A13
VDDQ
DQ7
VDDQ
DQ5
VDD
ODT
VDD
VSS
Not populated
Pin name
Function
Pin name
Function
A0 to A13
Address inputs
ODT
ODT control
BA0, BA1
Bank select
VDD
Supply voltage for internal circuit
DQ0 to DQ7
Data input/output
VSS
Ground for internal circuit
DQS, /DQS
Differential data strobe
VDDQ
Supply voltage for DQ circuit
/CS
Chip select
VSSQ
Ground for DQ circuit
/RAS, /CAS, /WE Command input
VREF
Input reference voltage
CKE
Clock enable
VDDL
Supply voltage for DLL circuit
CK, /CK
Differential clock input
VSSDL
Ground for DLL circuit
DM
Write data mask
NC
No connection
RDQS, /RDQS
Differential Redundant Data Strobe


Similar Part No. - IS43DR86400D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   Clock frequency up to 400MHz
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B-25DBI ISSI-IS43DR86400B-25DBI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B-25DBLI ISSI-IS43DR86400B-25DBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
More results

Similar Description - IS43DR86400D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR81280C ISSI-IS43DR81280C Datasheet
1Mb / 49P
   Differential data strobe
IS4346DR16160B ISSI-IS4346DR16160B Datasheet
1Mb / 46P
   Differential data strobe
logo
Alliance Semiconductor ...
AS4C256M16D3LA-12BCN ALSC-AS4C256M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C256M16D3 ALSC-AS4C256M16D3 Datasheet
2Mb / 83P
   Bidirectional differential data strobe
2GB-DDR3L-AS4C256M8D3L ALSC-2GB-DDR3L-AS4C256M8D3L Datasheet
3Mb / 86P
   Bidirectional differential data strobe
logo
Micron Technology
MT41J128M16HA-125 MICRON-MT41J128M16HA-125 Datasheet
2Mb / 206P
   Differential bidirectional data strobe
MT40A1G4RH-075E MICRON-MT40A1G4RH-075E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A512M8RH-083E MICRON-MT40A512M8RH-083E Datasheet
10Mb / 365P
   Programmable data strobe preambles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com