Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSC5042A Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NSC5042A
Description  Standard Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NSC5042A Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NSC5042A Datasheet HTML 1Page - NIHON DEMPA KOGYO NSC5042A Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal Clock Oscillator
1510A_NZ3225SH_e
Absolute maximum rating
Supply Voltage (VCC) –0.3 to +4.0 V
Storage Temperature Range –55 to +125 °C
NZ3225SH
Standard Type
● Supports a wide temperature range from –40 to +125°C.
● Compact and light. Dimensions : 3.2 x 2.5 x 0.9 mm, weight : 0.02 g.
● This crystal clock oscillator can support low frequencies (from 1.5MHz) not easily
achieved with crystal units of the same size.
● Taped units enable automatic mounting IR Reflow (lead free) is possible.
● Lead-free.
Features
mm
Terminal land connections
Mount an approx. 0.01 F bypass capacitor between VCC and GND (close to the product).
#1
#2
STAND-BY
GND
#3
#4
OUTPUT
VCC
3.2 ± 0.1
(0.6)
#1
#2
#4
#3
1.2 ± 0.1
C0.3
#1
#2
#4
#3
0.9
1.0
Land pattern (Typical)
Cby=0.01F
2.2
1.2
#4
#3
#2
#1
Dimensions
0.9VCC
1/2VCC
0.1VCC
Tr
Tf
VOH
VOL
t
T
0V
Symmetry = t/T × 100
[%]
Output Waveform <CMOS>
#1 Input
#3 Output
Level H (0.7 VCC ≤ VIH ≤ VCC)
or OPEN is selected.
Oscillation output ON
Level L (VIL ≤ 0.3 VCC) is selected.
High impedance
Standby Function
Specifications
Item
Model
NZ3225SH
Output Level
CMOS
Nominal Frequency Range
(MHz)
1.5 to 80
Overall Frequency Tolerance
(×10–6)
±100
±50
±30
±20
Operating Temperature Range
(°C)
–40 to +125
–40 to +105
–10 to +70
–10 to +60
Supply Voltage
(V)
+1.8 to +3.3
Current
Consumption
Max.
During Operation +25 °C
(mA)
2.5 to 9.0
During Standby
+25 °C
(μA)
20
VOL Max. / VOH Min.
(V)
0.1 VCC / 0.9 VCC
Tr Max. / Tf Max.
+1.8 V
(ns)
6 / 6 ( at 0.1 VCC to 0.9 VCC )
+2.5 to +3.3V
5 / 5 ( at 0.1 VCC to 0.9 VCC )
Symmetry Min. to Max.
(%)
45 to 55
Load (CL) Max.
(pF)
15
Start-up Time Max.
(ms)
4
Standby function
Available (Three-state)
For Automotive navigation system, Automotive audio equipment and Camera
For Smartphone, Tablet computers, Notebook PC, PC card, etc.
For Audioequipment and Wireless module
For Communication equipment for SDH/SONET, WiMAX, LTE, etc. and Base station
Application


Similar Part No. - NSC5042A

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NSC5042A NDK-NSC5042A Datasheet
828Kb / 2P
   Standard Type
More results

Similar Description - NSC5042A

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ3225SH NDK-NZ3225SH_18 Datasheet
828Kb / 2P
   Standard Type
logo
DB Lectro Inc
MT1275 DBLECTRO-MT1275 Datasheet
147Kb / 1P
   Standard Type
MT1612 DBLECTRO-MT1612 Datasheet
171Kb / 1P
   Standard Type
logo
CITIZEN ELECTRONICS CO....
CLU038-1210C4 CITIZEN-CLU038-1210C4_18 Datasheet
642Kb / 15P
   Standard Type
CLU048-1211C4 CITIZEN-CLU048-1211C4_18 Datasheet
711Kb / 15P
   Standard Type
logo
NIHON DEMPA KOGYO
NZ3225SH_18 NDK-NZ3225SH_18_03 Datasheet
828Kb / 2P
   Standard Type
logo
DB Lectro Inc
MT1622 DBLECTRO-MT1622 Datasheet
139Kb / 1P
   Standard Type
logo
CITIZEN ELECTRONICS CO....
CLU028-1203C4 CITIZEN-CLU028-1203C4_18 Datasheet
625Kb / 15P
   Standard Type
CLU048-1216C4 CITIZEN-CLU048-1216C4 Datasheet
649Kb / 15P
   Standard Type
logo
NIHON DEMPA KOGYO
NZ2520SH NDK-NZ2520SH_18 Datasheet
882Kb / 2P
   Standard Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com