Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSA3449E Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NSA3449E
Description  Low Phase Noise Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NSA3449E Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NSA3449E Datasheet HTML 1Page - NIHON DEMPA KOGYO NSA3449E Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal Clock Oscillator
1510B_NZ2520SD_e
Absolute maximum rating
Supply Voltage (VCC) –0.6 to +6.0 V
Storage Temperature Range –55 to +125 °C
NZ2520SD
Low Phase Noise Type
● For High-quality-audio, Smartphone, Tablet computers, Wireles module,
Notebook PC and DSC
Application
● Low phase noise make this product ideal for High quality audio.
● Compact and light. Dimensions : 2.5 x 2.0 x 0.9 mm, weight : 0.02 g.
● Wide frequency range: 1.5 to 80 MHz.
● Automatic mounting by taping and IR reflow (lead-free) are possible.
● Lead-free.
Features
mm
2.50±0.10
1.65±0.1
0.8±0.1
#1
#2
#3
#4
0.6
Mount an approx. 0.01 F bypass capacitor between VCC and GND
(close to the product)
Terminal land connections
#1
#2
#3
#4
STAND-BY
GND
OUTPUT
VCC
Land pattern (Typical)
Cby=0.01F
1.65
1.0
#4
#3
#2
#1
Dimensions
0.9VCC
1/2VCC
0.1VCC
Tr
Tf
VOH
VOL
t
T
0V
Symmetry = t/T × 100
[%]
Output Waveform <CMOS>
#1 Input
#3 Output
Level H (0.7 VCC ≤ VIH ≤ VCC)
or OPEN is selected.
Oscillation output ON
Level L (VIL ≤ 0.3 VCC) is selected.
High impedance
Standby Function
Specifications
Item
Model
NZ2520SD
Output Level
CMOS
Nominal Frequency Range
(MHz)
1.5 to 80
Overall Frequency Tolerance
(×10–6)
±50
±30
±20
Operating Temperature Range
(°C)
–40 to +85
–10 to +70
–10 to +60
Supply Voltage
(V)
+1.8 to +3.3
Current
Consumption
Max.
During Operation +25 °C
(mA)
1.8 to 8.5
During Standby
+25 °C
(μA)
10
VOL Max. / VOH Min.
(V)
0.1 VCC / 0.9 VCC
Tr Max. / Tf Max.
(ns)
6 / 6
Symmetry Min. to Max.
(%)
45 to 55
Load (CL) Max.
(pF)
15
Start-up Time Max.
(ms)
4
Standby function
Available (Three-state)
Characteristics
F=20MHz
F=40MHz
F=60MHz
F=80MHz
+1.8V, +25 °C
Fout±1 kHz (Typ.)
(dBc/Hz)
–147
–143
–139
–136
Fout±100 kHz (Typ.)
–156
–154
–150
–150
+2.5 to +3.3V,
+25 °C
Fout±1 kHz (Typ.)
–151
–148
–142
–136
Fout±100 kHz (Typ.)
–157
–156
–156
–154


Similar Part No. - NSA3449E

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NSA3449E NDK-NSA3449E Datasheet
925Kb / 2P
   Low Phase Noise Type
More results

Similar Description - NSA3449E

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2016SD NDK-NZ2016SD_18 Datasheet
915Kb / 2P
   Low Phase Noise Type
NZ3225SD NDK-NZ3225SD_18 Datasheet
829Kb / 2P
   Low Phase Noise Type
logo
NXP Semiconductors
NZ2520S NXP-NZ2520S_08 Datasheet
137Kb / 2P
   Low Phase Noise Type
logo
NIHON DEMPA KOGYO
NZ2520SD NDK-NZ2520SD_18 Datasheet
925Kb / 2P
   Low Phase Noise Type
NZ2016SD NDK-NZ2016SD Datasheet
828Kb / 2P
   Low Phase Noise Type
NZ2520SDA NDK-NZ2520SDA_18 Datasheet
924Kb / 2P
   Ultra Low Phase Noise Type
logo
SYNERGY MICROWAVE CORPO...
DXO720840-5 SYNERGY-DXO720840-5 Datasheet
399Kb / 3P
   Low Phase Noise
logo
Abracon Corporation
ASTX12-ASVTX12 ABRACON-ASTX12-ASVTX12 Datasheet
2Mb / 4P
   Low phase noise
01.27.2017
logo
MTRONPTI
M3027 MTRONPTI-M3027 Datasheet
233Kb / 5P
   Low Phase Noise
logo
Unisonic Technologies
UGV3040L-TA3-T UTC-UGV3040L-TA3-T Datasheet
199Kb / 4P
   Low Phase Noise
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com