Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX2C1-60P-1.27DSL Datasheet(PDF) 11 Page - Hirose Electric

Part # FX2C1-60P-1.27DSL
Description  1.27mm Pitch Multi-function Two Piece Connector
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX2C1-60P-1.27DSL Datasheet(HTML) 11 Page - Hirose Electric

Back Button FX2C1-60P-1.27DSL Datasheet HTML 7Page - Hirose Electric FX2C1-60P-1.27DSL Datasheet HTML 8Page - Hirose Electric FX2C1-60P-1.27DSL Datasheet HTML 9Page - Hirose Electric FX2C1-60P-1.27DSL Datasheet HTML 10Page - Hirose Electric FX2C1-60P-1.27DSL Datasheet HTML 11Page - Hirose Electric FX2C1-60P-1.27DSL Datasheet HTML 12Page - Hirose Electric FX2C1-60P-1.27DSL Datasheet HTML 13Page - Hirose Electric FX2C1-60P-1.27DSL Datasheet HTML 14Page - Hirose Electric FX2C1-60P-1.27DSL Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
A152
sReceptacle Cleaning Type
qStraight Type
BPCB mounting pattern
Unit:mm
Part Number
FX2CA-020S-1.27DSA
FX2CA-020S-1.27DSAL
FX2CA-032S-1.27DSA
FX2CA-032S-1.27DSAL
FX2CA-040S-1.27DSA
FX2CA-040S-1.27DSAL
FX2CA-052S-1.27DSA
FX2CA-052S-1.27DSAL
FX2CA-060S-1.27DSA
FX2CA-060S-1.27DSAL
FX2CA-068S-1.27DSA
FX2CA-068S-1.27DSAL
FX2CA-080S-1.27DSA
FX2CA-080S-1.27DSAL
FX2CA-100S-1.27DSA
FX2CA-100S-1.27DSAL
FX2CA-120S-1.27DSA
FX2CA-120S-1.27DSAL
CL No.
572-2501-1
572-2551-0
572-2502-4
572-2552-2
572-2503-7
572-2553-5
572-2504-0
572-2554-8
572-2505-2
572-2555-0
572-2506-5
572-2556-3
572-2507-8
572-2557-6
572-2508-0
572-2558-9
572-2509-3
572-2559-1
Number of Contacts
A
B
C
D
20
32
40
52
60
68
80
100
120
22.75
30.37
35.45
43.07
48.15
53.23
60.85
73.55
86.25
11.43
19.05
24.13
31.75
36.83
41.91
49.53
62.23
74.93
17.63
25.25
30.33
37.95
43.03
48.11
55.73
68.43
81.13
________
19.05
________
26.67
________
31.75
________
39.37
________
44.45
________
49.53
________
57.15
________
69.85
________
82.55


Similar Part No. - FX2C1-60P-1.27DSL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2C1-020P-1.27DSA HIROSE-FX2C1-020P-1.27DSA Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2C1-020P-1.27DSA(71) HIROSE-FX2C1-020P-1.27DSA(71) Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2C1-020P-1.27DSAL HIROSE-FX2C1-020P-1.27DSAL Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2C1-020P-1.27DSAL(71) HIROSE-FX2C1-020P-1.27DSAL(71) Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2C1-032P-1.27DSA HIROSE-FX2C1-032P-1.27DSA Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
More results

Similar Description - FX2C1-60P-1.27DSL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2 HIROSE-FX2 Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2-100P-1.27SV71 HIROSE-FX2-100P-1.27SV71 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2B-32SA-1.27R HIROSE-FX2B-32SA-1.27R Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
List of Unclassifed Man...
FX2B-68PA-127DS ETC-FX2B-68PA-127DS Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Hirose Electric
FX2C-020S-1.27DSA HIROSE-FX2C-020S-1.27DSA_1 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6A-20DA-1.27DSAL HIROSE-HIF6A-20DA-1.27DSAL_1 Datasheet
695Kb / 18P
   1.27mm Pitch Two-Piece Connector
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com