Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRS30I40A Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # CRS30I40A
Description  Schottky Barrier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRS30I40A Datasheet(HTML) 6 Page - Toshiba Semiconductor

  CRS30I40A Datasheet HTML 1Page - Toshiba Semiconductor CRS30I40A Datasheet HTML 2Page - Toshiba Semiconductor CRS30I40A Datasheet HTML 3Page - Toshiba Semiconductor CRS30I40A Datasheet HTML 4Page - Toshiba Semiconductor CRS30I40A Datasheet HTML 5Page - Toshiba Semiconductor CRS30I40A Datasheet HTML 6Page - Toshiba Semiconductor CRS30I40A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CRS30I40A
6
Package Dimensions
Package Dimensions
Package Dimensions
Package Dimensions
Unit: mm
Weight: 0.013 g (typ.)
Package Name(s)
TOSHIBA: 3-2A1S
Nickname: S-FLAT
2014-04-14
Rev.1.0


Similar Part No. - CRS30I40A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS30I30A TOSHIBA-CRS30I30A Datasheet
179Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - CRS30I40A

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com