Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH19S-30S-0.5SH Datasheet(PDF) 6 Page - Hirose Electric

Part # FH19S-30S-0.5SH
Description  0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH19S-30S-0.5SH Datasheet(HTML) 6 Page - Hirose Electric

  FH19S-30S-0.5SH Datasheet HTML 1Page - Hirose Electric FH19S-30S-0.5SH Datasheet HTML 2Page - Hirose Electric FH19S-30S-0.5SH Datasheet HTML 3Page - Hirose Electric FH19S-30S-0.5SH Datasheet HTML 4Page - Hirose Electric FH19S-30S-0.5SH Datasheet HTML 5Page - Hirose Electric FH19S-30S-0.5SH Datasheet HTML 6Page - Hirose Electric FH19S-30S-0.5SH Datasheet HTML 7Page - Hirose Electric FH19S-30S-0.5SH Datasheet HTML 8Page - Hirose Electric FH19S-30S-0.5SH Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
43
Unit: mm
04
05
06
08
09
10
12
13
14
15
16
17
18
20
04.0
04.5
05.0
06.0
06.5
07.0
08.0
08.5
09.0
09.5
10.0
10.5
11.0
12.0
01.5
02.0
02.5
03.5
04.0
04.5
05.5
06.0
06.5
07.0
07.5
08.0
08.5
09.5
03.1
03.6
04.1
05.1
05.6
06.1
07.1
07.6
08.1
08.6
09.1
09.6
10.1
11.1
03.9
04.4
04.9
05.9
06.4
06.9
07.9
08.4
08.9
09.4
09.9
10.4
10.9
11.9
02.5
03.0
03.5
04.5
05.0
05.5
06.5
07.0
07.5
08.0
08.5
09.0
09.5
10.5
Number of Contacts
A
J
B
K
L
B
0.3±0.05 (Land)
0.5
0.25±0.05 (Metal mask)
0.1 H
H
∞Number of contacts
(A)
J±0.1
K±0.1
(0.2)
(0.05)
0.2±0.03
0.3±0.03
0.5±0.07
B±0.03
0.5±0.03
L±0.05
FH19 Series
FH19S Series
0.35±0.03(FPC)
0.3±0.03(FFC)
BRecommended PCB Land and Metal Mask Dimensions
[Common to FH19 & FH19S Series]
BRecommended FPC, FFC Dimensions
[Common to FH19 & FH19S Series]
Recommended metal mask thickness: 0.10 mm.
Note1: Polyamide and a thermally hardened adhesive is recommended as the materials for the stiffener.
Note2: Y dimension should be 1.5mm min., and X dimension should be 1.5mm for improved flexibility of FPC.
Unit: mm
21
22
24
26
27
30
32
40
45
50
12.5
13.0
14.0
15.0
15.5
17.0
18.0
22.0
24.5
27.0
10.0
10.5
11.5
12.5
13.0
14.5
15.5
19.5
22.0
24.5
11.6
12.1
13.1
14.1
14.6
16.1
17.1
21.1
23.6
26.1
12.4
12.9
13.9
14.9
15.4
16.9
17.9
21.9
24.4
26.9
11.0
11.5
12.5
13.5
14.0
15.5
16.5
20.5
23.0
25.5
Number of Contacts
A
J
B
K
L


Similar Part No. - FH19S-30S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19SC-04S-0.5SH05 HIROSE-FH19SC-04S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-05S-0.5SH05 HIROSE-FH19SC-05S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-06S-0.5SH05 HIROSE-FH19SC-06S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-08S-0.5SH05 HIROSE-FH19SC-08S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19SC-09S-0.5SH05 HIROSE-FH19SC-09S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH19S-30S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com