Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF17A-70DP-0.5V Datasheet(PDF) 3 Page - Hirose Electric

Part # DF17A-70DP-0.5V
Description  0.5mm Pitch Board to Board Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF17A-70DP-0.5V Datasheet(HTML) 3 Page - Hirose Electric

  DF17A-70DP-0.5V Datasheet HTML 1Page - Hirose Electric DF17A-70DP-0.5V Datasheet HTML 2Page - Hirose Electric DF17A-70DP-0.5V Datasheet HTML 3Page - Hirose Electric DF17A-70DP-0.5V Datasheet HTML 4Page - Hirose Electric DF17A-70DP-0.5V Datasheet HTML 5Page - Hirose Electric DF17A-70DP-0.5V Datasheet HTML 6Page - Hirose Electric DF17A-70DP-0.5V Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
A321
100V DC
150V AC/1 minute
100mA
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
96 hours at temperature of 40ç and humidity of 90% to 95%
(-55ç: 30 minutes 5 to 35ç: 10 minutes 85ç: 30 minutes 5 to 35ç: 10 minutes) 5 cycles
50 cycles
Reflow: At the recommended temperature profile
Manual soldering: 300ç for 3 seconds
500M ohms min.
No flashover or insulation breakdown.
60m ohms max.
No electrical discontinuity of 1µs or more
Contact resistance: 60m ohms max Insulation resistance:250M ohms min
Contact resistance: 60m ohms max:Insulation resistance: 500M ohms min
Contact resistance: 60m ohms
No deformation of components affecting performance.
1. Insulation Resistance
2. Withstanding voltage
3. Contact Resistance
4. Vibration
5.
Humidity (Steady state)
6. Temperature Cycle
7. Durability (Mating/un-mating)
8. Resistance to
Soldering heat
Item
Specification
Condition
sProduct Specifications
Rating
Current rating
Voltage rating
0.3A
50V AC
Operating Temperature Range
Operating Humidity Range
Storage Temperature Range
Storage Humidity Range
-10 to 60ç(Note 2)
40 to 70%
-35 to 85ç (Note 1)
40 to 80%
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note1: DF17(0.3)-*DS-0.5V : Contact area: gold plating/lead area: flash gold plated
DF17(4.0)-*DS-0.5V : Contact area: gold plating/lead area: tin-lead plated
DF17(4.0)-*DP-0.5V : Contact area: gold plating/lead area: tin-lead plated
Note2: The header gold plated product:Contact area: gold plating/lead area: tin-lead plated
DF17(1.0H)-*DS-0.5V only: Contact area: gold plating/lead area: flash gold plated
sMaterial
Product
Part
Receptacle
Header
Insulator
Contact
Metal Fitting
Insulator
Contact
Metal Fitting
Polyamide
Phosphor copper
Phosphor copper
Polyamide
Phosphor copper
Phosphor copper
White
Gold plated (Note 1)
Tin-lead plated
White
Gold plated (Note 2)
Tin-lead plated
UL94V-0
---------------
---------------
UL94V-0
---------------
---------------
Material
Finish
Remarks
BOrdering Information
Please determine the specific product. If needed, please select and orderproducts from the product No. as listed on catalog page
A322~A325.
DF17 #
(**)
- * DS - 0.5 V (**)
1
2
3
4
5
6
8
7
qReceptacle/Header
Product height
The stacking height can be determined by adding the
figures in parentheses to receptacle and header.
Number of Contacts
20,26,30,40,50,6,70,80contacts
Connector Type
DS: Receptacle
DP: Header
Contact Pitch: 0.5mm
Contact Type
V: Straight SMT
Packaging Type (50): Gold plated, embossed tape packaging
(51): Gold plated, tube packaging
3
4
5
6
7
8
2
1
DF17
DF17A
DF17B
DF17C
Fitting
K
K
Boss
K
K
Series Name: DF17
Type


Similar Part No. - DF17A-70DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF17(1.0H)-26DP-0.5V(57) HIROSE-DF17(1.0H)-26DP-0.5V(57) Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17(1.0H)-30DP-0.5V(57) HIROSE-DF17(1.0H)-30DP-0.5V(57) Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17(1.0H)-60DP-0.5V(57) HIROSE-DF17(1.0H)-60DP-0.5V(57) Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17(1.0H)-70DP-0.5V(57) HIROSE-DF17(1.0H)-70DP-0.5V(57) Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17(1.0H)-80DP-0.5V(57) HIROSE-DF17(1.0H)-80DP-0.5V(57) Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
More results

Similar Description - DF17A-70DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
logo
SUYIN USA, INC.
500002FB SUYIN-USA-500002FB Datasheet
132Kb / 1P
   0.5mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com