Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2016HA Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NX2016HA
Description  For OA / AV
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NX2016HA Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NX2016HA Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Units
- 10 -
1503C_NX2016HA_e
NX2016HA
For OA / AV
Ultra compact and thin. (2.0 × 1.6 × 0.70 mm max.)
●Outstanding cost performance.
●Ideal for Tablet, TV, GAME, and etc.
●Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
*1 Equivalent Series Resistance
Nominal Frequency
(MHz)
Equivalent Series
Resistance max. [Ω]
24 to 30
150
30 to 50
100
Features
Item
Model
NX2016HA
Nominal Frequency
24 to 50 MHz
Overtone Order
Fundamental
Frequency Tolerance (25 ±3 °C)
±30 × 10−6
Frequency versus Temperature Characteristics (with reference to +25 °C)
±20 × 10−6
Operating Temperature Range
−20 to +70 °C
Storage Temperature Range
−40 to +85 °C
Equivalent Series Resistance
Refer to *1
Level of Drive
10 μW (Max. 200 μW)
Load Capacitance
8 pF
Specifications Number
STD-CZT-1
Specifications
mm
Land pattern (Typical)
Terminal
#1, #3 : X’tal
#2, #4 : NC
It is better to connect with a GND.
But NC is also possible.
#4
#1
#3
#2
1.35
0.85
2.0±0.1
#1
#2
#4
#3
0.65
0.65
Terminal land connections
(TOP VIEW)
C0.2
Dimensions
Please specify the model name, frequency, and specification number when you order products.
For further questions regarding specifications, please feel free to contact us.


Similar Part No. - NX2016HA

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NX2016AA NDK-NX2016AA Datasheet
88Kb / 1P
   Crystal Units For OA / AV/ Short-range Wireless
NX2016AB NDK-NX2016AB Datasheet
91Kb / 1P
   Crystal Units
NX2016GB NDK-NX2016GB Datasheet
751Kb / 1P
   Crystal Units
NX2016GC NDK-NX2016GC Datasheet
745Kb / 1P
   High reliability small surface-mount type crystal unit for automotive.
NX2016GC NDK-NX2016GC Datasheet
763Kb / 1P
   For Automotive
More results

Similar Description - NX2016HA

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NX5032GB NDK-NX5032GB_15 Datasheet
296Kb / 1P
   For OA / AV
NX3225GA NDK-NX3225GA_16 Datasheet
672Kb / 1P
   For OA / AV
NX8045GB_16 NDK-NX8045GB_16_11 Datasheet
695Kb / 1P
   For OA / AV
NX5032GC NDK-NX5032GC_15 Datasheet
294Kb / 1P
   For OA / AV
NX8045GB NDK-NX8045GB_15 Datasheet
672Kb / 1P
   For OA / AV
NX5032GA_16 NDK-NX5032GA_16_11 Datasheet
698Kb / 1P
   For OA / AV
NX5032GB NDK-NX5032GB_16 Datasheet
697Kb / 1P
   For OA / AV
AT-41 NDK-AT-41_16 Datasheet
733Kb / 1P
   For OA / AV
NX3225GA NDK-NX3225GA_15 Datasheet
272Kb / 1P
   For OA / AV
NX5032GA NDK-NX5032GA_15 Datasheet
672Kb / 1P
   For OA / AV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com