Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRS10I30B Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # CRS10I30B
Description  TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRS10I30B Datasheet(HTML) 5 Page - Toshiba Semiconductor

  CRS10I30B Datasheet HTML 1Page - Toshiba Semiconductor CRS10I30B Datasheet HTML 2Page - Toshiba Semiconductor CRS10I30B Datasheet HTML 3Page - Toshiba Semiconductor CRS10I30B Datasheet HTML 4Page - Toshiba Semiconductor CRS10I30B Datasheet HTML 5Page - Toshiba Semiconductor CRS10I30B Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CRS10I30B
2013-11-01
5
0.1
10
0
20
30
0.2
0.3
0.4
0.5
0
0.8
DC
300°
240°
180°
120°
0
20
120
80
40
60
100
100
1
0.001
0.01
10
140
VR = 30 V
20 V
10 V
5 V
3 V
0.1
160
Pulse test
Number of cycles
Surge current
Reverse voltage VR (V)
Cj – VR
(typ.)
Junction temperature Tj
(°C)
IR – Tj
(typ.)
Reverse voltage VR (V)
PR (AV) – VR
(typ.)
24
16
12
4
0
10
1
3
30
100
5
50
Ta
= 25°C
f
= 50 Hz
30
1
100
1000
300
500
50
3
10
30
5
50
100
f
= 1 MHz
Ta
= 25°C
10
8
20
15 V
0.7
0.6
360°
VR
Rectangular
waveform
Conduction angle
α
Tj = 150°C
α
α
=60°


Similar Part No. - CRS10I30B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS10I30A TOSHIBA-CRS10I30A Datasheet
197Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS10I30C TOSHIBA-CRS10I30C Datasheet
176Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - CRS10I30B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U3FWK42 TOSHIBA-U3FWK42 Datasheet
141Kb / 4P
   TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CRS01 TOSHIBA-CRS01_13 Datasheet
188Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS10I30A TOSHIBA-CRS10I30A Datasheet
197Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS15I30A TOSHIBA-CRS15I30A Datasheet
178Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
U1FWJ44M TOSHIBA-U1FWJ44M Datasheet
152Kb / 4P
   TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CMS08 TOSHIBA-CMS08 Datasheet
122Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS03 TOSHIBA-CMS03 Datasheet
129Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS05 TOSHIBA-CMS05_13 Datasheet
169Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS20I30A TOSHIBA-CRS20I30A Datasheet
175Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS11 TOSHIBA-CMS11 Datasheet
136Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS04 TOSHIBA-CMS04_13 Datasheet
176Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com