Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX8C-100P-SV2 Datasheet(PDF) 7 Page - Hirose Electric

Part # FX8C-100P-SV2
Description  0.6mm Pitch Stacking Height 3mm to 16mm Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX8C-100P-SV2 Datasheet(HTML) 7 Page - Hirose Electric

Back Button FX8C-100P-SV2 Datasheet HTML 3Page - Hirose Electric FX8C-100P-SV2 Datasheet HTML 4Page - Hirose Electric FX8C-100P-SV2 Datasheet HTML 5Page - Hirose Electric FX8C-100P-SV2 Datasheet HTML 6Page - Hirose Electric FX8C-100P-SV2 Datasheet HTML 7Page - Hirose Electric FX8C-100P-SV2 Datasheet HTML 8Page - Hirose Electric FX8C-100P-SV2 Datasheet HTML 9Page - Hirose Electric FX8C-100P-SV2 Datasheet HTML 10Page - Hirose Electric FX8C-100P-SV2 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
A242
A
B
C
D
E
F
FX8C-060/060S11-SVJ
FX8C-080/080S11-SVJ
FX8C-100/100S11-SVJ
FX8C-120/120S11-SVJ
FX8C-140/140S11-SVJ
578-0901-7
578-0903-2
578-0905-8
578-0906-0
578-0907-3
60∞2
80∞2
100∞2
120∞2
140∞2
31.70
37.70
43.70
49.70
55.70
24.60
30.60
36.60
42.60
48.60
23.05
29.05
35.05
41.05
47.05
20.80
26.80
32.80
38.80
44.80
17.40
23.40
29.40
35.40
41.40
22.20
28.20
34.20
40.20
46.20
[FX8C-**/**S11-SV5J]
BPCB mounting pattern
Note: The two-piece connection product is packaged by tray.
Note: The two-piece connection product is packaged by tray.
Unit:mm
Unit:mm
Part Number
CL No.
Number of Contacts
Part Number
CL No.
Number of Contacts
A
B
C
D
E
F
FX8C-060/060S11-SV5J
FX8C-080/080S11-SV5J
FX8C-100/100S11-SV5J
FX8C-120/120S11-SV5J
FX8C-140/140S11-SV5J
578-0921-4
578-0923-0
578-0925-5
578-0926-8
578-0927-0
60∞2
80∞2
100∞2
120∞2
140∞2
31.70
37.70
43.70
49.70
55.70
24.60
30.60
36.60
42.60
48.60
23.05
29.05
35.05
41.05
47.05
20.80
26.80
32.80
38.80
44.80
17.40
23.40
29.40
35.40
41.40
22.20
28.20
34.20
40.20
46.20
sReceptacle (two-piece Connection Product)
[FX8C-**/**S11-SVJ]


Similar Part No. - FX8C-100P-SV2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-100/100P11-SV1J HIROSE-FX8-100/100P11-SV1J Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100/100P11-SVJ HIROSE-FX8-100/100P11-SVJ Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100/100S11-SVJ HIROSE-FX8-100/100S11-SVJ Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100P-SV HIROSE-FX8-100P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100P-SV1 HIROSE-FX8-100P-SV1 Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
More results

Similar Description - FX8C-100P-SV2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
BM50 HIROSE-BM50 Datasheet
384Kb / 11P
   0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
logo
DDK Ltd.
DFW-PAV20-98-3A DDK-DFW-PAV20-98-3A Datasheet
280Kb / 3P
   0.6mm Pitch Floating Connector
logo
Everlight Electronics C...
Y2C-FN1P1VZ EVERLIGHT-Y2C-FN1P1VZ Datasheet
161Kb / 10P
   Chip LED (0.6mm Height)
BHW-ZMNQY EVERLIGHT-BHW-ZMNQY Datasheet
217Kb / 10P
   Chip LED (0.6mm Height)
R6C-AM2P1VY EVERLIGHT-R6C-AM2P1VY Datasheet
222Kb / 10P
   Chip LED(0.6mm Height)
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com