Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX5-56S2A-DSA Datasheet(PDF) 4 Page - Hirose Electric

Part # FX5-56S2A-DSA
Description  1mm Pitch Connector for Vertical Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX5-56S2A-DSA Datasheet(HTML) 4 Page - Hirose Electric

  FX5-56S2A-DSA Datasheet HTML 1Page - Hirose Electric FX5-56S2A-DSA Datasheet HTML 2Page - Hirose Electric FX5-56S2A-DSA Datasheet HTML 3Page - Hirose Electric FX5-56S2A-DSA Datasheet HTML 4Page - Hirose Electric FX5-56S2A-DSA Datasheet HTML 5Page - Hirose Electric FX5-56S2A-DSA Datasheet HTML 6Page - Hirose Electric FX5-56S2A-DSA Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A209
Unit: mm
FX5-20S2A-DSA
575-0101-1
20
9
19
15.08
__
a1,a2,a9,a10
a3 to a8
FX5-20S2A-DSAL
575-0121-9
15
b1,b2,b9,b10
b3 to b8
FX5-40S2A-DSA
575-0105-2
40
19
29
25.08
__
a1,a2,a19,a20
a3 to a18
FX5-40S2A-DSAL
575-0125-0
25
b1,b2,b19,b20
b3 to b18
FX5-52S2A-DSA
575-0106-5
52
25
35
31.08
__
a1,a2,a25,a26
a3 to a24
FX5-52S2A-DSAL
575-0126-2
31
b1,b2,b25,b26
b3 to b24
FX5-56S2A-DSA
575-0107-8
56
27
37
33.08
__
a1,a2,a27,a28
a3 to a26
FX5-56S2A-DSAL
575-0127-5
33
b1,b2,b27,b28
b3 to b26
FX5-68S2A-DSA
575-0108-0
68
33
43
39.08
__
a1,a2,a33,a34
a3 to a32
FX5-68S2A-DSAL
575-0128-8
39
b1,b2,b33,b34
b3 to b32
FX5-80S2A-DSA
575-0109-3
80
39
49
45.08
__
a1,a2,a39,a40
a3 to a38
FX5-80S2A-DSAL
575-0129-0
45
b1,b2,b39,b40
b3 to b38
sReceptacle
E – E
F – F
a2
1
B ±0.3
C
E
E
F
F
A ±0.2
a1
b1
b2
a*
b*
* = (number of contacts)/2
+0.1
–0.2
D ±0.3
1.5±0.2
1.5±0.2
1.5±0.2
Polarity Mark
t0.25±0.03xw0.4±0.05
Part Number
CL No.
Number of Contacts
AB
C
D
Order of Contact Sequence(Contact No.)
12


Similar Part No. - FX5-56S2A-DSA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FX5-50-240X240T2900 KEMET-FX5-50-240X240T2900 Datasheet
53Kb / 1P
   KEMET, FX5, Flex Suppressors, Commercial Grade
More results

Similar Description - FX5-56S2A-DSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
Hirose Electric
FH21-5S-1DS HIROSE-FH21-5S-1DS Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
FCI connector
SLW22R-1C7LF FCI-CONNECTOR-SLW22R-1C7LF Datasheet
742Kb / 9P
   CART NO. TABLE FOR 1mm SPACING CONNECTOR
SLW24R-1C7LF FCI-CONNECTOR-SLW24R-1C7LF Datasheet
742Kb / 9P
   CAT NO. TABLE FOR 1mm SPACING CONNECTOR
logo
ALPS ELECTRIC CO.,LTD.
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
   1mm-travel Compact-sized Vertical Type
logo
Harwin Plc
M300-MV30645M1 HARWIN-M300-MV30645M1 Datasheet
84Kb / 1P
   1mm POWER CONNECTOR DIL VERTICAL PC TAIL MALE ASSEMBLY
M300-MV31045M1 HARWIN-M300-MV31045M1 Datasheet
88Kb / 1P
   1mm POWER CONNECTOR DIL VERTICAL PC TAIL MALE ASSEMBLY
M300-FV1034500 HARWIN-M300-FV1034500 Datasheet
79Kb / 1P
   1mm POWER CONNECTOR SIL VERTICAL PC TAIL FEMALE ASSEMBLY
M300-FV3064500 HARWIN-M300-FV3064500 Datasheet
90Kb / 1P
   1mm POWER CONNECTOR SIL VERTICAL PC TAIL FEMALE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com