Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10158 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10158
Description  10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10158 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC10158 Datasheet HTML 1Page - National Semiconductor (TI) ADC10158 Datasheet HTML 2Page - National Semiconductor (TI) ADC10158 Datasheet HTML 3Page - National Semiconductor (TI) ADC10158 Datasheet HTML 4Page - National Semiconductor (TI) ADC10158 Datasheet HTML 5Page - National Semiconductor (TI) ADC10158 Datasheet HTML 6Page - National Semiconductor (TI) ADC10158 Datasheet HTML 7Page - National Semiconductor (TI) ADC10158 Datasheet HTML 8Page - National Semiconductor (TI) ADC10158 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
+ = AV+ = DV+ = + 5.0 V
DC,VREF
+ = 5.000 V
DC,VREF
= GND, V= GND for unipo-
lar operation or V
= −5.0 V
DC for bipolar operation, and fCLK = 5.0 MHz unless otherwise specified. Boldface limits apply
for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C. (Notes 8, 9, 12)
Symbol
Parameter
Conditions
Typical
(Note 10)
CIN and CIWM
Units
(Limit)
Suffixes
Limits
(Note 11)
BIPOLAR CONVERTER AND MULTIPLEXER STATIC CHARACTERISTICS
Bipolar Negative Full-Scale
V
REF
+ = 5.0V
Error with Positive-Full
±1.25
LSB (Max)
Scale Adjusted
Bipolar Offset Error
V
REF
+ = 5.0V
±2.5
LSB (Max)
Bipolar Total Unadjusted
V
REF
+ = 5.0V
±3
LSB (Max)
Error (Note 13)
Bipolar Power Supply
Sensitivity
Offset Error
V
+ = +5V ±10%
±0.5
±2.5
LSB (Max)
Full-Scale Error
V
REF
+ = 4.5V
±0.5
±1.5
LSB (Max)
Integral Linearity Error
±0.25
LSB
Offset Error
V
= −5V ±10%
±0.25
±0.75
LSB (Max)
Full-Scale Error
V
REF
+ = 4.5V
±0.25
±0.75
LSB (Max)
Integral Linearity Error
±0.25
LSB
UNIPOLAR AND BIPOLAR CONVERTER AND MULTIPLEXER STATIC CHARACTERISTICS
Missing Codes
0
DC Common Mode
V
IN
+ = V
IN
Error (Note 14)
= V
IN where
Bipolar
+5.0V
≥ V
IN ≥ −5.0V
±0.25
±0.75
LSB (Max)
Unipolar
+5.0V
≥ V
IN ≥ 0V
±0.25
±0.5
LSB (Max)
R
REF
Reference Input Resistance
7
4.5
k
Ω (Max)
9.5
k
Ω (Max)
C
REF
Reference Input Capacitance
70
pF
V
AI
Analog Input Voltage
(V
++0.05)
V (Max)
(V
−0.05)
V (Min)
C
AI
Analog Input Capacitance
30
pF
Off Channel Leakage
On Channel = 5V
−400
−1000
nA (Max)
Current
Off Channel = 0V
(Note 15)
On Channel = 0V
400
1000
nA (Max)
Off Channel = 5V
Electrical Characteristics
The following specifications apply for V
+ = AV+ = DV+ = + 5.0 V
DC,VREF
+ = 5.000 V
DC,VREF
= GND, V= GND for unipolar
operation or V
= −5.0 V
DC for bipolar operation, and fCLK = 5.0 MHz unless otherwise specified. Boldface limits apply for TA
= T
J = TMIN to TMAX; all other limits TA = TJ = 25˚C. (Notes 8, 9, 12)
Symbol
Parameter
Conditions
Typical
Limits
(Note 11)
Units
(Limit)
(Note 10)
DYNAMIC CONVERTER AND MULTIPLEXER CHARACTERISTICS
S/(N+D)
Unipolar Signal-to-Noise+
f
IN = 10 kHz, VIN = 4.85 Vp–p
60
dB
Distortion Ratio
f
IN = 150 kHz, VIN = 4.85 Vp-p
58
dB
S/(N+D)
Bipolar Signal-to-Noise+
f
IN = 10 kHz, VIN = ±4.85V
60
dB
Distortion Ratio
f
IN = 150 kHz, VIN = ±4.85V
58
dB
www.national.com
4


Similar Part No. - ADC10158

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10158 TI-ADC10158 Datasheet
438Kb / 25P
[Old version datasheet]   ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
ADC10158CIN TI-ADC10158CIN Datasheet
438Kb / 25P
[Old version datasheet]   ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
ADC10158CIWM TI-ADC10158CIWM Datasheet
438Kb / 25P
[Old version datasheet]   ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
ADC10158CIWM/NOPB TI-ADC10158CIWM/NOPB Datasheet
438Kb / 25P
[Old version datasheet]   ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
ADC10158CIWMX TI-ADC10158CIWMX Datasheet
438Kb / 25P
[Old version datasheet]   ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
More results

Similar Description - ADC10158

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10158CIWM TI-ADC10158CIWM Datasheet
438Kb / 25P
[Old version datasheet]   ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
logo
Maxim Integrated Produc...
MAX120 MAXIM-MAX120_V01 Datasheet
2Mb / 15P
   500ksps, 12-Bit ADCs with Track/Hold and Reference
2012
logo
National Semiconductor ...
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
Maxim Integrated Produc...
MAX120 MAXIM-MAX120 Datasheet
633Kb / 16P
   500ksps, 12-Bit ADCs with Track/Hold And Refrence
19-0030; Rev 0; 9/92
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com