Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH23-61S-0.3SHAW Datasheet(PDF) 2 Page - Hirose Electric

Part # FH23-61S-0.3SHAW
Description  0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH23-61S-0.3SHAW Datasheet(HTML) 2 Page - Hirose Electric

  FH23-61S-0.3SHAW Datasheet HTML 1Page - Hirose Electric FH23-61S-0.3SHAW Datasheet HTML 2Page - Hirose Electric FH23-61S-0.3SHAW Datasheet HTML 3Page - Hirose Electric FH23-61S-0.3SHAW Datasheet HTML 4Page - Hirose Electric FH23-61S-0.3SHAW Datasheet HTML 5Page - Hirose Electric FH23-61S-0.3SHAW Datasheet HTML 6Page - Hirose Electric FH23-61S-0.3SHAW Datasheet HTML 7Page - Hirose Electric FH23-61S-0.3SHAW Datasheet HTML 8Page - Hirose Electric FH23-61S-0.3SHAW Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
100 V DC
90 V AC/one minute
1 mA AC
10 cycles
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 10 cycles,
3 axis.
Acceleration of 981 m/s2, 6ms duration, sine half-wave
waveform, 3 cycles, 3 axis.
96 hours at temperature of 40
°C and humidity of 90% to 95%
Temperature:-55
ç/+15ç to +35ç/+85ç/+15ç to +35ç
Time: 30/ 2 to 3 / 30 / 2 to 3 (Minutes)
5 cycles
Reflow: At the recommended temperature profile
Manual soldering: 350
ç±5 ç for 5 seconds
50 M ohms min.
No flashover or insulation breakdown
100 m ohms max.
*Including FPC/FFC conductor resistance
Contact resistance: 100 m ohms max.
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1 µs or more.
Contact resistance: 100 m ohms max.
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1 µs. min.
Contact resistance: 100 m ohms max.
No damage, cracks, or parts dislocation.
Contact resistance: 100 m ohms max.
Insulation resistance: 50 M ohms min.
No damage, cracks, or parts dislocation.
Contact resistance: 100 m ohms max.
Insulation resistance: 50 M ohms min.
No damage, cracks, or parts looseness.
No deformation of
components affecting performance.
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
4. Durability
4. (insertion/ withdrawal)
5. Vibration
6. Shock
7. Humidity
(Steady state)
8. Temperature cycle
9. Resistance to
soldering heat
Item
Specification
Conditions
Terminal type
SHW: SMT horizontal mounting type, lead type termination.
SHAW: SMT horizontal mounting type, lead-less type termination.
Plating specifications :
(05)
: Gold plating
(51)
: Tin-lead plating
---------------
sMaterials
sOrdering information
FH23
- 39S - 0.3 SHW (05)
1
3
4
2
5
Series name : FH23
No. of contacts.
Number of contacts : 15,17,21,23,25,27,31,33,39,45,51,61,71
Contact pitch: 0.3 mm
1
2
3
4
Part
Contacts
Insulator
LCP
LCP
Phosphor bronze
Color:Beige
Color:Black
Tin-lead plating (Note 3)
UL94V-0
Material
Finish
Remarks
sProduct Specifications
Ratings
Current rating
0.3 A DC
Voltage rating
30 V AC
Operating temperature range
-55
ç to +85ç (Note 1)
Operating humidity range
Relative humidity 90% max. (No condensation)
Storage temperature range
-10
ç to +50ç (Note 2)
Storage humidity range
Relative humidity 90% max.
Recommended FPC
Thickness: = 0.2±0.03mm Tin-lead plating (Note 3)
Note 1: Includes temperature rise caused by current flow.
Note 2: The term ”storage” refers to products stored for long period of time prior to mounting and use. Operating
Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage,
shipment or during transportation.
Note 3: When FPC is gold plated, the connector contacts should be also gold plated: Select the (05) specification.
5


Similar Part No. - FH23-61S-0.3SHAW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH23-61S-0.3SHAW HIROSE-FH23-61S-0.3SHAW Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
More results

Similar Description - FH23-61S-0.3SHAW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com