Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX8C-80P-SV2 Datasheet(PDF) 5 Page - Hirose Electric

Part # FX8C-80P-SV2
Description  0.6mm Pitch Stacking Height 3mm to 16mm Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX8C-80P-SV2 Datasheet(HTML) 5 Page - Hirose Electric

  FX8C-80P-SV2 Datasheet HTML 1Page - Hirose Electric FX8C-80P-SV2 Datasheet HTML 2Page - Hirose Electric FX8C-80P-SV2 Datasheet HTML 3Page - Hirose Electric FX8C-80P-SV2 Datasheet HTML 4Page - Hirose Electric FX8C-80P-SV2 Datasheet HTML 5Page - Hirose Electric FX8C-80P-SV2 Datasheet HTML 6Page - Hirose Electric FX8C-80P-SV2 Datasheet HTML 7Page - Hirose Electric FX8C-80P-SV2 Datasheet HTML 8Page - Hirose Electric FX8C-80P-SV2 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
A240
[FX8C-**S-SV5]
BPCB mounting pattern
sReceptacle (Single Product)
[FX8C-**S-SV]
**Blank : Tray packaging product 21: Tube packaging product 22: Embossed tape packaging product
Note1: To order the tube packaging product, please determine a quantity for delivery,multiplying the tube packaging product by an integer.
Note2: The embossed tape packaging product is prepared for 60 and 80 contacts only. In addition, the product will be procured per reel
unit. Please refer to the packaging specification item on page A245 for details.
**Blank : Tray packaging product 21: Tube packaging product 22: Embossed tape packaging product
Note1: To order the tube packaging product, please determine a quantity for delivery,multiplying the tube packaging product by an integer.
Note2: The embossed tape package product is prepared for 60 and 80 contacts only. In addition, the product will be procured per reel
unit. Please refer to the packaging specification item on page A245 for details.
Unit:mm
CL No.
Part Number
578-0801-2-**
578-0803-8-**
578-0805-3-**
578-0806-6-**
578-0807-9-**
FX8C-060S-SV(**)
FX8C-080S-SV(**)
FX8C-100S-SV(**)
FX8C-120S-SV(**)
FX8C-140S-SV(**)
Number of Contacts
60
80
100
120
140
A
B
24.60
30.60
36.60
42.60
48.60
23.05
29.05
35.05
41.05
47.05
C
D
E
Tube packaging Quantity (Pieces)
17.40
23.40
29.40
35.40
41.40
22.20
28.20
34.20
40.20
46.20
21
17
14
12
10
20.80
26.80
32.80
38.80
44.80
Unit:mm
CL No.
Part Number
578-0821-0-**
578-0823-5-**
578-0825-0-**
578-0826-3-**
578-0827-6-**
FX8C-060S-SV5(**)
FX8C-080S-SV5(**)
FX8C-100S-SV5(**)
FX8C-120S-SV5(**)
FX8C-140S-SV5(**)
Number of Contacts
60
80
100
120
140
A
B
24.60
30.60
36.60
42.60
48.60
23.05
29.05
35.05
41.05
47.05
C
D
E
Tube packaging Quantity (Pieces)
17.40
23.40
29.40
35.40
41.40
22.20
28.20
34.20
40.20
46.20
21
17
14
12
10
20.80
26.80
32.80
38.80
44.80


Similar Part No. - FX8C-80P-SV2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-100/100P11-SV1J HIROSE-FX8-100/100P11-SV1J Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100/100P11-SVJ HIROSE-FX8-100/100P11-SVJ Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100/100S11-SVJ HIROSE-FX8-100/100S11-SVJ Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100P-SV HIROSE-FX8-100P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100P-SV1 HIROSE-FX8-100P-SV1 Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
More results

Similar Description - FX8C-80P-SV2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
BM50 HIROSE-BM50 Datasheet
384Kb / 11P
   0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
logo
DDK Ltd.
DFW-PAV20-98-3A DDK-DFW-PAV20-98-3A Datasheet
280Kb / 3P
   0.6mm Pitch Floating Connector
logo
Everlight Electronics C...
Y2C-FN1P1VZ EVERLIGHT-Y2C-FN1P1VZ Datasheet
161Kb / 10P
   Chip LED (0.6mm Height)
BHW-ZMNQY EVERLIGHT-BHW-ZMNQY Datasheet
217Kb / 10P
   Chip LED (0.6mm Height)
R6C-AM2P1VY EVERLIGHT-R6C-AM2P1VY Datasheet
222Kb / 10P
   Chip LED(0.6mm Height)
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com