Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GT10-2022SCF Datasheet(PDF) 6 Page - Hirose Electric

Part No. GT10-2022SCF
Description  Subminiature ECU Interface Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

GT10-2022SCF Datasheet(HTML) 6 Page - Hirose Electric

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
BRecommended Board Mounting Pattern
BMounted and fully mated connector assemblies
Part Number
CL No.
Item
Material
Finish
Color
GT10-16DP-DS 760-0001-4
Housing
PBT
----
Light gray
Terminal
Brass
Tin plating
----
Note: Use mounting screws of M3 with nominal diameter 3L-6 (for a board thickness of 1.6mm).
Board Type
Board
Note


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn