Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX1V-288P-DSA Datasheet(PDF) 3 Page - Hirose Electric

Part # FX1V-288P-DSA
Description  1.27mm Pitch Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX1V-288P-DSA Datasheet(HTML) 3 Page - Hirose Electric

  FX1V-288P-DSA Datasheet HTML 1Page - Hirose Electric FX1V-288P-DSA Datasheet HTML 2Page - Hirose Electric FX1V-288P-DSA Datasheet HTML 3Page - Hirose Electric FX1V-288P-DSA Datasheet HTML 4Page - Hirose Electric FX1V-288P-DSA Datasheet HTML 5Page - Hirose Electric FX1V-288P-DSA Datasheet HTML 6Page - Hirose Electric FX1V-288P-DSA Datasheet HTML 7Page - Hirose Electric FX1V-288P-DSA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
A136
sOrdering Information
FX1
- 192 P - 1.27 DSA L
qe
wr
t
y
r Contact pitch: 1.27mm
t Contact type: DS : Right angle
DSA : Straight
y L: Board prefixed pin
q Series Name
: FX1
w Number of contacts: 192, 216
e Connector type : P-header
: S-receptacle
qFX1 Series
FX1V
A - 192 P - DSA L
qe
wr
t
y
r Connector type: P-header
S-receptacle
t Contact type: DS : Right angle
DSA : Straight
y L: Board prefixed pin
q Series Name
: FX1V
w A: Cleaning type (header side only)
Blank: No cleaning type
e Number of contacts : 288
qFX1V Series
Note: The cleaning type only is applied on the header side to FX1 series.
Note 1. Cleaning type: the liquid escape hole is added at dip cleaning.
No cleaning type: no liquid escape hole is added at dip cleaning.
Note 2. The FX1V series omits the contact pitch.
BApplication Pattern


Similar Part No. - FX1V-288P-DSA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX101 VECTRON-FX101 Datasheet
601Kb / 12P
   Frequency Translator
logo
CML Microcircuits
FX101L CMLMICRO-FX101L Datasheet
816Kb / 6P
   multi-purpose frequency sensitive switch
FX102K CMLMICRO-FX102K Datasheet
144Kb / 3P
   SMALL PHYSICAL SIZE
FX103K CMLMICRO-FX103K Datasheet
144Kb / 3P
   SMALL PHYSICAL SIZE
FX105A CMLMICRO-FX105A Datasheet
351Kb / 16P
   Tone Detector
More results

Similar Description - FX1V-288P-DSA

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
127226MS SUYIN-USA-127226MS Datasheet
219Kb / 1P
   1.27mm PITCH PCI CONNECTOR
logo
DDK Ltd.
DHL-PA40-S13NA-FG DDK-DHL-PA40-S13NA-FG Datasheet
247Kb / 3P
   1.27mm Pitch Stacking Connector
logo
AVX Corporation
24-8005-502-100-867 AVX-24-8005-502-100-867 Datasheet
181Kb / 2P
   1.27mm-pitch Micro Connector
logo
Hirose Electric
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
logo
Harwin Plc
M55-7001242R HARWIN-M55-7001242R Datasheet
214Kb / 3P
   1.27mm PITCH VERTICAL MALE CONNECTOR
logo
Hirose Electric
HIF6A-20DA-1.27DSAL HIROSE-HIF6A-20DA-1.27DSAL_1 Datasheet
695Kb / 18P
   1.27mm Pitch Two-Piece Connector
logo
Harwin Plc
M55-6101242R HARWIN-M55-6101242R Datasheet
164Kb / 2P
   1.27mm PITCH HORIZONTIAL FEMALE CONNECTOR
M55-7101242R HARWIN-M55-7101242R Datasheet
156Kb / 2P
   1.27mm PITCH HORIZONTAL MALE CONNECTOR
M55-6001242R HARWIN-M55-6001242R Datasheet
239Kb / 3P
   1.27mm PITCH VERTICAL FEMALE CONNECTOR
logo
Japan Aviation Electron...
DF02 JAE-DF02 Datasheet
561Kb / 11P
   Half-pitch (1.27mm) Interface Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com