Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH12A-20S-0.5SH Datasheet(PDF) 11 Page - Hirose Electric

Part # FH12A-20S-0.5SH
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH12A-20S-0.5SH Datasheet(HTML) 11 Page - Hirose Electric

Back Button FH12A-20S-0.5SH Datasheet HTML 2Page - Hirose Electric FH12A-20S-0.5SH Datasheet HTML 3Page - Hirose Electric FH12A-20S-0.5SH Datasheet HTML 4Page - Hirose Electric FH12A-20S-0.5SH Datasheet HTML 5Page - Hirose Electric FH12A-20S-0.5SH Datasheet HTML 6Page - Hirose Electric FH12A-20S-0.5SH Datasheet HTML 7Page - Hirose Electric FH12A-20S-0.5SH Datasheet HTML 8Page - Hirose Electric FH12A-20S-0.5SH Datasheet HTML 9Page - Hirose Electric FH12A-20S-0.5SH Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 10 page
background image
16
s0.5mm Pitch Vertical mounting Type
(0.15)
1
0.2
1
F
A
B
C
D
E
3.8(Metal
fitting dimension)
1.75
4.25
0.5
0.52.50.5
Mated Cross-sectional Diagram
FPC/FFC Contact Surface
()
()
()
D
E
Unit:mm
CL No.
Part Number
586-0560-2
586-0615-2
586-0575-0
586-0561-5
586-0572-1
586-0601-8
586-0573-4
586-0562-8
586-0589-4
586-0563-0
586-0664-8
586-0564-3
586-0699-2
586-0565-6
586-0706-6
586-0641-2
586-0566-9
586-0567-1
586-0602-0
586-0568-4
FH12-10S-0.5SV
FH12-12S-0.5SV
FH12-13S-0.5SV
FH12-15S-0.5SV
FH12-16S-0.5SV
FH12-17S-0.5SV
FH12-18S-0.5SV
FH12-20S-0.5SV
FH12-22S-0.5SV
FH12-24S-0.5SV
FH12-26S-0.5SV
FH12-30S-0.5SV
FH12-32S-0.5SV
FH12-33S-0.5SV
FH12-34S-0.5SV
FH12-36S-0.5SV
FH12-40S-0.5SV
FH12-45S-0.5SV
FH12-49S-0.5SV
FH12-50S-0.5SV
Number of Contacts
10
12
13
15
16
17
18
20
22
24
26
30
32
33
34
36
40
45
49
50
A
B
08.4
09.4
09.9
10.9
11.4
11.9
12.4
13.4
14.4
15.4
16.4
18.4
19.4
19.9
20.4
21.4
23.4
25.9
27.9
28.4
06.9
07.9
08.4
09.4
09.9
10.4
10.9
11.9
12.9
13.9
14.9
16.9
17.9
18.4
18.9
19.9
21.9
24.4
26.4
26.9
C
04.5
05.5
06.0
07.0
07.5
08.0
08.5
09.5
10.5
11.5
12.5
14.5
15.5
16.0
16.5
17.5
19.5
22.0
24.0
24.5
06.5
07.5
08.0
09.0
09.5
10.0
10.5
11.5
12.5
13.5
14.5
16.5
17.5
18.0
18.5
19.5
21.5
24.0
26.0
26.5
08.2
09.2
09.7
10.7
11.2
11.7
12.2
13.2
14.2
15.2
16.2
18.2
19.2
19.7
20.2
21.2
23.2
25.7
27.7
28.2
F
4
4
4
4
4
4
4
4
8
8
8
8
8
8
8
8
8
8
8
8
Note 1 : Embossed tape reel packaging (1,000 pieces/reel).
Order by number of reels.


Similar Part No. - FH12A-20S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12A-20S-0.5SH HIROSE-FH12A-20S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12A-20S-0.5SH HIROSE-FH12A-20S-0.5SH Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12A-20S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com