Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF17-50DP-0.5V Datasheet(PDF) 10 Page - Hirose Electric

Part # DF17-50DP-0.5V
Description  0.5mm Pitch Board to Board Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF17-50DP-0.5V Datasheet(HTML) 10 Page - Hirose Electric

  DF17-50DP-0.5V Datasheet HTML 1Page - Hirose Electric DF17-50DP-0.5V Datasheet HTML 2Page - Hirose Electric DF17-50DP-0.5V Datasheet HTML 3Page - Hirose Electric DF17-50DP-0.5V Datasheet HTML 4Page - Hirose Electric DF17-50DP-0.5V Datasheet HTML 5Page - Hirose Electric DF17-50DP-0.5V Datasheet HTML 6Page - Hirose Electric DF17-50DP-0.5V Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 7 page
background image
A328
s Packaging Specification
qEmbossed Carrier Tape Dimensions
sReceptacle
Connector
LN
P
Q
R
DF17#(3.0)-20DS-0.5V
11.5
24
3.8
24.4
330
DF17#(3.0)-30DS-0.5V
11.5
24
3.8
24.4
330
DF17#(3.0)-40DS-0.5V
11.5
24
3.8
24.4
330
Connector
LM
NP
Q
R
DF17#(3.0)-50DS-0.5V
14.2
28.4
32
3.8
32.4
330
DF17#(3.0)-60DS-0.5V
14.2
28.4
32
3.8
32.4
330
DF17#(3.0)-70DS-0.5V
20.2
40.4
44
3.8
44.4
330
DF17#(3.0)-80DS-0.5V
20.2
40.4
44
3.8
44.4
330
Connector
LN
P
Q
R
DF17#(4.0)-20DS-0.5V
11.5
24
4.8
24.4
330
DF17#(4.0)-30DS-0.5V
11.5
24
4.8
24.4
330
DF17#(4.0)-40DS-0.5V
11.5
24
4.8
24.4
330
Connector
LM
NP
Q
R
DF17#(4.0)-50DS-0.5V
14.2
28.4
32
4.8
32.4
330
DF17#(4.0)-60DS-0.5V
14.2
28.4
32
4.8
32.4
330
DF17#(4.0)-70DS-0.5V
20.2
40.4
44
4.8
44.4
330
DF17#(4.0)-80DS-0.5V
20.2
40.4
44
4.8
44.4
330
qReel Dimensions
12±0.1
2±0.1
4±0.1
0.3±0.1
P±0.15
Unreeling direction
Y-Y
Y
X
Y
X-X
X
Ø13±0.2
2±0.5
2±0.5
Q
+2
0
Product name label
Ø1.5 Lead hole depth


Similar Part No. - DF17-50DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF17(1.0H)-26DP-0.5V(57) HIROSE-DF17(1.0H)-26DP-0.5V(57) Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17(1.0H)-30DP-0.5V(57) HIROSE-DF17(1.0H)-30DP-0.5V(57) Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17(1.0H)-60DP-0.5V(57) HIROSE-DF17(1.0H)-60DP-0.5V(57) Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17(1.0H)-70DP-0.5V(57) HIROSE-DF17(1.0H)-70DP-0.5V(57) Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17(1.0H)-80DP-0.5V(57) HIROSE-DF17(1.0H)-80DP-0.5V(57) Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
More results

Similar Description - DF17-50DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
logo
SUYIN USA, INC.
500002FB SUYIN-USA-500002FB Datasheet
132Kb / 1P
   0.5mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com