Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH3-17S-1.25DSA Datasheet(PDF) 1 Page - Hirose Electric

Part # FH3-17S-1.25DSA
Description  1.25mm Pitch FPC/FFC Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH3-17S-1.25DSA Datasheet(HTML) 1 Page - Hirose Electric

  FH3-17S-1.25DSA Datasheet HTML 1Page - Hirose Electric FH3-17S-1.25DSA Datasheet HTML 2Page - Hirose Electric FH3-17S-1.25DSA Datasheet HTML 3Page - Hirose Electric FH3-17S-1.25DSA Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D6
1.25mm Pitch FPC/FFC Connector
FH3 Series
sFeatures
1. 1.25mm FPC and FFC DIP Connector
The contact pitch is 1.25mm.
2. Contact Reliability
This connector has high contact reliability for high voltage
contact.
3. Sixteen Types of Contact Numbers
This connector consists of 16 kinds of 6, 8, 9, 10, 12, 13, 14,
15, 15, 17, 18, 19, 20, 21, 22, 24, and 30 contacts.
sProduct Specifications
Rating
Rated Current: 1A
Operating Temperature Range:-40~+85ç (Note 1)
Storage Temperature Range:-10~+60ç (Note 2)
Rated Voltage: 200V AC
Operating Humidity Range:Relative humidity, 90% max. Storage Humidity Range:Relative humidity, 90% max.
(Not dewed)
(Not dewed)
Applicable FPC
t=0.2~0.35 Tin plating
Note 1. Temperature rise included when energized
Note 2. This storage indicates a long-term storage state for the unused product before board mounted.
The operating temperature and humidity ranges are applied to the non-energized state after the connector has been installed
in the board.
Note 3. The above standards represent this series. The individual formal agreement should be based on the "Specification".
sApplications
HDD, facsimiles, printers, VTR, etc.
Item
Specification
Condition
1. Insulation Resistance
500Mø min.
Measured at 500V DC
2. Withstand voltage
Neither short or breakdown should occur
500V AC for 1 minute
3. Contact Resistance
20mø max.
Measured at 0.1A
π FPC conductor resistance included
4. Mechanical operation
Contact resistance: 40mø max.
30 cycles
No part should be broken, cracked or loosened
5. Vibration
No part should be broken, cracked or loosened
Frequency: 10~55Hz and full amplitude 1.50mm in 3 directions for 2 hours, respectively
6. Shock
No part should be broken, cracked or loosened
Acceleration: 490m/S2, duration: 11ms, sine half-wave: in 3 directions for 3 times, respectively
7. Moisture Resistance in Steady State
Insulation resistance: 50Mø min.
Exposed to temperature 40ç and humidity 90~95% for 96 hours
5 cycles under conditions as follows;
8. Temperature Cycle
No part should be broken, cracked or loosened
Temperature: -55ç¡+15~+35¡+85¡+5~+35ç
Time: 30¡5 max.¡ 30¡5 max. for 5 minutes


Similar Part No. - FH3-17S-1.25DSA

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH3 GOOD-ARK-FH3 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
Hirose Electric
FH30 HIROSE-FH30 Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH30-60S-0.3SHW HIROSE-FH30-60S-0.3SHW Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH30-80S-0.3SHW HIROSE-FH30-80S-0.3SHW Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH30-90S-0.3SHW HIROSE-FH30-90S-0.3SHW Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
More results

Similar Description - FH3-17S-1.25DSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1257 ETC1-F1257 Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
logo
Molex Electronics Ltd.
0039532294 MOLEX3-0039532294 Datasheet
165Kb / 4P
   1.25mm (.049") Pitch FFC/FPC Connector
logo
Newhaven Display Intern...
MOLEX52808-0470 NEWHAVEN-MOLEX52808-0470 Datasheet
183Kb / 9P
   PITCH FPC / FFC CONNECTOR series
logo
Molex Electronics Ltd.
54548-2070 MOLEX11-54548-2070 Datasheet
41Kb / 3P
   0.50mm Pitch FFC/FPC Connector
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
Hirose Electric
FH21-5S-1DS HIROSE-FH21-5S-1DS Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
Molex Electronics Ltd.
0495972017 MOLEX6-0495972017 Datasheet
282Kb / 4P
   1.25mm (.049") FPC/FFC Backfilp Housing, 20 Circuits, Natural
0495972007 MOLEX6-0495972007 Datasheet
282Kb / 4P
   1.25mm (.049") FPC/FFC Backfilp Housing, 20 Circuits, Black
0039532165 MOLEX3-0039532165 Datasheet
157Kb / 4P
   1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 16 Circuits, Lead-free
0039532235 MOLEX3-0039532235 Datasheet
157Kb / 4P
   1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 23 Circuits, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com