Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NT2016SD Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part No. NT2016SD
Description  Equipped with the temperature sensor voltage output function and Enable / Disable(Stand-by) function (VC-TCXO) NT2016S Series
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NDK [NIHON DEMPA KOGYO]
Homepage  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NT2016SD Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NT2016SD Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
- 2 -
13B_1227_NT2016SD_t-sensor_e
Equipped with the temperature sensor voltage output function and
Enable / Disable(Stand-by) function (VC-TCXO) NT2016S Series
Model Name NT2016SD
For mobile phones, etc.
Main Application
● Supports low power supply voltage. (Supports DC +1.7 V to +3.3 V.)
● Ultra-compact and light with a height, cubic volume, and weight of Max. 0.8 mm,
0.0022 cm3, and 0.008 g, respectively.
● A surface-mount crystal oscillator. (Reflow soldering is possible.)
● Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
● Temperature sensor voltage output function (0.95V typ. @+25°C, -8.7mV/°C typ.)
● With Enable / Disable(Stand-by) function.
● With an AFC (Automatic Frequency Control) function.(Option)
Features
Item
Model
NT2016SD
Nominal frequency (MHz)
13 to 52
Standard frequency (MHz)
16.368, 16.369, 19.2, 26, 33.6
38.4
52
Supply voltage [VCC] (V)
+1.8
Load impedance
10 kΩ//10 pF
Current
consumption
Enable (mA)
Max. 1.5
Max. 1.7 Max. 2.0
Disable ( μA)
Max. 3
Output voltage
Min. 0.8 V(p-p) (DC Coupling *1)
Frequency/Temperature
characteristics
Max. ±0.5×10–6
Operating temperature range (°C)
–30 to +85
Storage temperature range (°C)
–40 to +85
Frequency/Voltage coefficient
Max. ±0.1×10–6/+1.8 V±5 %
Frequency/Load coefficient
Max. ±0.1×10–6/(10 kΩ//10 pF) ±10 %
Long-term frequency stability
Max. ±1.0×10–6/year
Temperature sensor output voltage
0.95V typ.@25°C, -8.7mV/°C typ.
• Frequency setting conditions
1. Frequencies are set at normal temperatures (+25±2 °C).
• If you require a product with a different frequency, power supply voltage,
frequency control range, etc. to the standard specifications, please
contact us with your enquiries.
*1. A DC-cut capacitor is not embedded in this crystal oscillator. Connect
a DC-cut capacitor (1,000 pF) to the line-out terminal of the oscillator.
Specifications
mm
#1
#2
#3
#4
#5
#6
N/C or GND
(ground recommended)
Enable/Disable
GND
OUTPUT
TSENS.
VCC
Terminal land connections
#1
#2
#4
#5
#6
#4
#5
#6
#3
#1
#2
#3
2.0±0.1
(0.6)
(1.2)
(0.5)
(0.6)
(1.2)
(0.5)
0.4±0.1
Dimensions
Frequency
(MHz)
Ordering Code
16.368
NT2016SD-16.368M-NSA3503A
16.369
NT2016SD-16.369M-NSA3503A
19.2
NT2016SD-19.2M-NSA3503A
26
NT2016SD-26M-NSA3503B
33.6
NT2016SD-33.6M-NSA3503B
38.4
NT2016SD-38.4M-NSA3503C
52
NT2016SD-52M-NSA3503D
The above frequencies are NDK’s standard frequencies.
Frequencies other than the above are available.
Feel free to contact our sales representatives.
List of Ordering Codes


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn