Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH26-71S-0.3SHW Datasheet(PDF) 7 Page - Hirose Electric

Part # FH26-71S-0.3SHW
Description  0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH26-71S-0.3SHW Datasheet(HTML) 7 Page - Hirose Electric

Back Button FH26-71S-0.3SHW Datasheet HTML 3Page - Hirose Electric FH26-71S-0.3SHW Datasheet HTML 4Page - Hirose Electric FH26-71S-0.3SHW Datasheet HTML 5Page - Hirose Electric FH26-71S-0.3SHW Datasheet HTML 6Page - Hirose Electric FH26-71S-0.3SHW Datasheet HTML 7Page - Hirose Electric FH26-71S-0.3SHW Datasheet HTML 8Page - Hirose Electric FH26-71S-0.3SHW Datasheet HTML 9Page - Hirose Electric FH26-71S-0.3SHW Datasheet HTML 10Page - Hirose Electric FH26-71S-0.3SHW Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
BRecommended Temperature Profile
HRS test conditions
Solder method
:Reflow, IR/hot air
(Nihon Den-netsu Co., Ltd.'s
Part Number: SENSBY NR-2)
Environment:
:Room air
Solder composition:
:Paste, 63%Sn/37%Pb
(Senju Metal Industry, Co., Ltd.'s
Part Number: OZ63-201C-50-9)
Test board
:Glass epoxy 25mm∞50mm∞0.8mm thick
Land dimensions
:0.3mm∞0.65mm,0.3mm∞0.8mm
Metal mask
:0.23∞0.55∞0.1mm thick,
0.23∞0.65∞0.1mm thick
The temperature profiles are based on the above conditions.
In individual applications the actual temperature may
vary,depending on solder paste type, volume/thickness and
board size/thickness. Consult your solder paste and
equipment manufacturer for specific recommendations.
HRS test conditions
Solder method
:Reflow, IR/hot air
(Nihon Den-netsu Co., Ltd.'s
Part Number: SENSBY NR-NR-2)
Environment
:Room air
Solder composition
:Paste, 96.5%Sn/3.0%Ag/0.5%Cu
(Senju Metal Industry, Co., Ltd.'s
Part Number: M705-221CM5-42-10.5)
Test board
:Glass epoxy 25mm∞50mm∞0.8mm thick
Land dimensions
:0.3mm∞0.65mm, 0.3mm∞0.8mm
Metal mask
:0.23∞0.55∞0.1mm thick,
0.23∞0.65∞0.1mm thick
The temperature profiles are based on the above conditions.
In individual applications the actual temperature may vary,
depending on solder paste type, volume/thickness and board
size/thickness. Consult your solder paste and equipment
manufacturer for specific recommendations.
Start
(℃)
Time (Seconds)
60
25℃
(60sec.)
20 sec. to
30 sec.
(30sec.)
60 sec. to 90 sec.
Preheating
Soldering
0
50
100
150
150℃
160℃
240℃
200℃
5 sec. max.
200
250
120
qUsing Typical Solder Paste
MAX 250℃
Start
(℃)
Time (Seconds)
60
25℃
(60sec.)
(60sec.)
90 sec. to 120 sec.
Preheating
Soldering
0
50
100
150
150℃
200℃
230℃
200
250
120
qUsing Lead-free Solder Paste


Similar Part No. - FH26-71S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26-71S-0.3SHW HIROSE-FH26-71S-0.3SHW Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-71S-0.3SHW HIROSE-FH26-71S-0.3SHW Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results

Similar Description - FH26-71S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com