Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH21-30S-1DS Datasheet(PDF) 3 Page - Hirose Electric

Part # FH21-30S-1DS
Description  1mm Pitch FPC/FFC Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH21-30S-1DS Datasheet(HTML) 3 Page - Hirose Electric

  FH21-30S-1DS Datasheet HTML 1Page - Hirose Electric FH21-30S-1DS Datasheet HTML 2Page - Hirose Electric FH21-30S-1DS Datasheet HTML 3Page - Hirose Electric FH21-30S-1DS Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D17
sRight Angle Type
Product No.
HRS No.
Number of Contacts
A
B
C
Unit: mm
FH21-05S-1DS
FH21-06S-1DS
FH21-08S-1DS
FH21-10S-1DS
FH21-12S-1DS
FH21-14S-1DS
FH21-15S-1DS
FH21-16S-1DS
FH21-18S-1DS
FH21-20S-1DS
FH21-22S-1DS
FH21-24S-1DS
FH21-26S-1DS
FH21-28S-1DS
FH21-30S-1DS
04
05
07
09
11
13
14
15
17
19
21
23
25
27
29
06.15
07.15
09.15
11.15
13.15
15.15
16.15
17.15
19.15
21.15
23.15
25.15
27.15
29.15
31.15
07
08
10
12
14
16
17
18
20
22
24
26
28
30
32
5
6
8
10
12
14
15
16
18
20
22
24
26
28
30
CL586-0410-0
CL586-0411-2
CL586-0412-5
CL586-0413-8
CL586-0414-0
CL586-0415-3
CL586-0416-6
CL586-0417-9
CL586-0418-1
CL586-0419-4
CL586-0420-3
CL586-0421-6
CL586-0422-9
CL586-0423-1
CL586-0424-4


Similar Part No. - FH21-30S-1DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FH21-30S-1DS ETC2-FH21-30S-1DS Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
FH21-30S-1DSA ETC2-FH21-30S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results

Similar Description - FH21-30S-1DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
FCI connector
HFW14R-1STE1 FCI-CONNECTOR-HFW14R-1STE1 Datasheet
761Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
HFW26R-1STE1LF FCI-CONNECTOR-HFW26R-1STE1LF Datasheet
769Kb / 10P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SFW6R-2STE9LF FCI-CONNECTOR-SFW6R-2STE9LF Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com