Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF16C-16DP-0.5V Datasheet(PDF) 8 Page - Hirose Electric

Part # DF16C-16DP-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF16C-16DP-0.5V Datasheet(HTML) 8 Page - Hirose Electric

  DF16C-16DP-0.5V Datasheet HTML 1Page - Hirose Electric DF16C-16DP-0.5V Datasheet HTML 2Page - Hirose Electric DF16C-16DP-0.5V Datasheet HTML 3Page - Hirose Electric DF16C-16DP-0.5V Datasheet HTML 4Page - Hirose Electric DF16C-16DP-0.5V Datasheet HTML 5Page - Hirose Electric DF16C-16DP-0.5V Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 6 page
background image
A315
sBoard to Board 2.5mm Header Without metal fitting
P=0.5
B
A
0.2
Ø
0.5
E
[Specific No.] –* *, (* *)
(80) :Gold plated, tube packaging
(81) :Gold plated, embossed tape packaging
qBoard to Board 2.5mm Header without metal fitting, with boss
qBoard to Board 2.5mm Header without metal fitting, without boss
Unit: mm
Part Number
CL No.
DF16A(2.5)-20DP-0.5V(**)
DF16A(2.5)-30DP-0.5V(**)
DF16A(2.5)-34DP-0.5V(**)
DF16A(2.5)-40DP-0.5V(**)
DF16A(2.5)-50DP-0.5V(**)
DF16A(2.5)-60DP-0.5V(**)
679-0092-6-**
679-0093-9-**
679-0099-5-**
679-0094-1-**
679-0095-4-**
679-0096-7-**
20
30
34
40
50
60
08.2
10.7
11.7
13.2
15.7
18.2
Number of Contacts
A
04.5
07.0
08.0
09.5
12.0
14.5
B
05.9
08.4
09.4
10.9
13.4
15.9
E
59 pcs.
45 pcs.
42 pcs.
37 pcs.
31 pcs.
26 pcs.
Tube Packaging Quantity( pcs.)
Unit: mm
Part Number
CL No.
DF16C(2.5)-20DP-0.5V(**)
DF16C(2.5)-30DP-0.5V(**)
DF16C(2.5)-34DP-0.5V(**)
DF16C(2.5)-40DP-0.5V(**)
DF16C(2.5)-50DP-0.5V(**)
DF16C(2.5)-60DP-0.5V(**)
679-0112-1-**
679-0113-4-**
679-0119-0-**
679-0114-7-**
679-0115-0-**
679-0116-2-**
20
30
34
40
50
60
08.2
10.7
11.7
13.2
15.7
18.2
Number of Contacts
A
04.5
07.0
08.0
09.5
12.0
14.5
B
-----
-----
-----
-----
-----
-----
E
59 pcs.
45 pcs.
42 pcs.
37 pcs.
31 pcs.
26 pcs.
Tube Packaging Quantity( pcs.)


Similar Part No. - DF16C-16DP-0.5V

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
DF160 SIPOWER-DF160 Datasheet
267Kb / 2P
   Bridge Rectifier
DF160 SIPOWER-DF160 Datasheet
261Kb / 2P
   Bridge Rectifier
logo
Infineon Technologies A...
DF160R12W2H3F-B11 INFINEON-DF160R12W2H3F-B11 Datasheet
797Kb / 11P
   Al2O3 Substrate with Low Thermal Resistance
2013-11-11 revision:2.0
DF160R12W2H3F_B11 INFINEON-DF160R12W2H3F_B11 Datasheet
728Kb / 11P
   Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
logo
SHINMEI ELECTRIC CO., L...
DF1620E SHINMEI-DF1620E Datasheet
56Kb / 2P
   Flapper Solenoids DF1620E Series With Diode Protecting From Counter Electromotive Voltage,
More results

Similar Description - DF16C-16DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com