Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FX8C-60P-SV Datasheet(PDF) 6 Page - Hirose Electric

Part No. FX8C-60P-SV
Description  0.6mm Pitch Stacking Height 3mm to 16mm Connector
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

FX8C-60P-SV Datasheet(HTML) 6 Page - Hirose Electric

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
A241
22.20
28.20
34.20
40.20
46.20
Note: The two-piece connection product is packaged by tray.
[FX8C-**/**P11-SV1J]
[FX8C-**/**P11-SV2J]
[FX8C-**/**P11-SV4J]
[FX8C-**/**P11-SV6J]
Note1: The two-piece connection product is packaged by tray.
Note2: The locator material is installed between leads for the FX8C-**/**P1-SV6J type.
Unit:mm
CL No.
Part Number
578-0651-1
578-0653-7
578-0655-2
578-0656-5
578-0657-8
FX8C-060/060P11-SVJ
FX8C-080/080P11-SVJ
FX8C-100/100P11-SVJ
FX8C-120/120P11-SVJ
FX8C-140/140P11-SVJ
Number of Contacts
60∞2
80∞2
100∞2
120∞2
140∞2
A
B
31.70
37.70
43.70
49.70
55.70
24.70
30.70
36.70
42.70
48.70
C
D
E
F
20.70
26.70
32.70
38.70
44.70
17.40
23.40
29.40
35.40
41.40
22.20
28.20
34.20
40.20
46.20
23.00
29.00
35.00
41.00
47.00
Part Number
CL No.
Unit: mm
FX8C-060/060P11-SV1J
FX8C-060/060P11-SV2J
FX8C-060/060P11-SV4J
FX8C-060/060P11-SV6J
FX8C-080/080P11-SV1J
FX8C-080/080P11-SV2J
FX8C-080/080P11-SV4J
FX8C-080/080P11-SV6J
FX8C-100/100P11-SV1J
FX8C-100/100P11-SV2J
FX8C-100/100P11-SV4J
FX8C-100/100P11-SV6J
FX8C-120/120P11-SV1J
FX8C-120/120P11-SV2J
FX8C-120/120P11-SV4J
FX8C-120/120P11-SV6J
FX8C-140/140P11-SV1J
FX8C-140/140P11-SV2J
FX8C-140/140P11-SV4J
FX8C-140/140P11-SV6J
578-0671-9
578-0691-6
578-0731-9
578-0751-6
578-0673-4
578-0693-1
578-0733-4
578-0753-1
578-0675-0
578-0695-7
578-0735-0
578-0755-7
578-0676-2
578-0696-0
578-0736-2
578-0756-0
578-0677-5
578-0697-2
578-0737-5
578-0757-2
60∞2
80∞2
100∞2
120∞2
140∞2
31.70
37.70
43.70
49.70
55.70
24.70
30.70
36.70
42.70
48.70
23.00
29.00
35.00
41.00
47.00
17.40
23.40
29.40
35.40
41.40
4.35
5.35
7.35
9.35
4.35
5.35
7.35
9.35
4.35
5.35
7.35
9.35
4.35
5.35
7.35
9.35
4.35
5.35
7.35
9.35
5.45
6.45
8.45
10.45
5.45
6.45
8.45
10.45
5.45
6.45
8.45
10.45
5.45
6.45
8.45
10.45
5.45
6.45
8.45
10.45
Number of Contacts
A
B
C
D
E
F
G
H
20.70
26.70
32.70
38.70
44.70
sHeader (two-pieces Connection Product)
[FX8C-**/**P11-SVJ]


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DG3537DBMICRO FOOT 3x3 0.5-mm PITCH 0.238-mm BUMP HEIGHT 1 Vishay Siliconix
177983-0RECEPTACLE ASSEMBLY SH TYPE O.5 BOSS LENGTH FOR FH 0.8MM PITCH B-T-B CONNECTOR 1 2 List of Unclassifed Manufacturers
L934SET-1 3mm SOLID STATE LAMPS 1 2 3 Kingbright Corporation
MKT-MF06AMOLDED SOT-23 .115x .063x .040 in 6LD .0375 in PITCH 1 National Semiconductor (TI)
PT204-6B3mm Phototransistor T-1 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
SEL50205-mm Pitch Lead Rectangular LED Direct Mount 1 Sanken electric
SIR204-A3mm Infrared LED T-1 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
SEL50215-mm Pitch Lead 3phi Lens-type LED Direct Mount 1 Sanken electric
IR2043mm Infrared LED T-1 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
SEL50235-mm Pitch Lead Bow-shaped LED Direct Mount 1 Sanken electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn