Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH23-15S-0.3SHAW Datasheet(PDF) 9 Page - Hirose Electric

Part # FH23-15S-0.3SHAW
Description  0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH23-15S-0.3SHAW Datasheet(HTML) 9 Page - Hirose Electric

Back Button FH23-15S-0.3SHAW Datasheet HTML 2Page - Hirose Electric FH23-15S-0.3SHAW Datasheet HTML 3Page - Hirose Electric FH23-15S-0.3SHAW Datasheet HTML 4Page - Hirose Electric FH23-15S-0.3SHAW Datasheet HTML 5Page - Hirose Electric FH23-15S-0.3SHAW Datasheet HTML 6Page - Hirose Electric FH23-15S-0.3SHAW Datasheet HTML 7Page - Hirose Electric FH23-15S-0.3SHAW Datasheet HTML 8Page - Hirose Electric FH23-15S-0.3SHAW Datasheet HTML 9Page - Hirose Electric FH23-15S-0.3SHAW Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
BFH23 Series FPC Construction (Recommended Specifications)
1. Using Single-sided FPC
Material Name
Covering film layer.
Cover adhesive
Surface treatment
Copper foil
Base adhesive
Base film
Reinforcement material adhesive
Stiffener
Polyamide
1 mil thick.
Tin-lead plating
Cu
1oz
Polyamide
1 mil thick
Heat-hardened adhesive
Polyamide
3 mil thick
Total
25
25
5
35
25
25
30
75
195
Material
Thickness (µm)
2. Using Double-sided FPC
3. Precautions
Material Name
Covering layer film
Cover adhesive
Surface treatment
Through-hole copper
Copper foil
Base adhesive
Base film
Base adhesive
Copper foil
Cover adhesive
Covering layer film
Reinforcement material adhesive
Stiffener
Polyamide
1 mil thick
Tin-lead plating
Cu
Cu
1/2oz
Polyamide
1 mil thick
Cu
1/2oz
Polyamide
1 mil thick
Heat-hardened adhesive
Polyamide
1 mil thick
Total
25
25
5
15
18
18
25
18
18
25
25
25
25
199
Material
Thickness (µm)
Note : Recommended specification for FPC 0.2±0.03 mm thick.
FPC/FFC Manufactures' Contact List
Sumitomo Bakelite Co., Ltd. Flexible Printed Circuit Board Division
TEL:+81 3 5462 4191
5-8, Higashi-shinagawa 2-chome, Shinagawa-ku, Tokyo, Japan
FAX:+81 3 5462 4882
Fujikura Ltd. Electronics Global Marketing Department
TEL:+81 3 5606 1165
1-5-1, Kiba, Koto-ku, Tokyo, Japan
FAX:+81 3 5606 1530
NOK Corporation Sales Division Overseas Business Department
TEL:+81 3 3432 6976/8415
1-12-15, Shiba-Daimon, Minato-ku, Tokyo, Japan
FAX:+81 3 3432 3919


Similar Part No. - FH23-15S-0.3SHAW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH23-15S-0.3SHAW HIROSE-FH23-15S-0.3SHAW Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
More results

Similar Description - FH23-15S-0.3SHAW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com