Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF16B-16DP-0.5V Datasheet(PDF) 11 Page - Hirose Electric

Part # DF16B-16DP-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF16B-16DP-0.5V Datasheet(HTML) 11 Page - Hirose Electric

  DF16B-16DP-0.5V Datasheet HTML 1Page - Hirose Electric DF16B-16DP-0.5V Datasheet HTML 2Page - Hirose Electric DF16B-16DP-0.5V Datasheet HTML 3Page - Hirose Electric DF16B-16DP-0.5V Datasheet HTML 4Page - Hirose Electric DF16B-16DP-0.5V Datasheet HTML 5Page - Hirose Electric DF16B-16DP-0.5V Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 6 page
background image
250ç
200ç
150ç
100ç
50ç
0SSEC
50SSEC
100SSEC
150SSEC
200SSEC
Time
Soldering area
Preheating area
Max 240ç
220ç
Temperature
Preheating area
IR reflow condition
150ç
30 to 90 seconds
235ç±5ç
220ç min.
10 seconds max.
10 to 20 seconds
Soldering area
A318
1. Recommended Temperature Profile (SMT)
2. Recommended Manual Soldering Condition (SMT)
3. Recommended Screen Thickness (SMT)
4. Board Warp (SMT)
5. Cleaning Condition
6. Cautions
Note1: Maximun twice actions are allowed under the same condition. However, the interval
between the first and second actions must be maintained at the room temperature.
Note2: The temperature indicates the board surface temperature of the connector lead area.
Soldering iron temperature: 290±10ç, Soldering time: Within 2 seconds
0.15mm
Maximum 0.2mm in the connector center area, based on the both connector edges
Refer to the "Nylon Connector Use Hand book".
sThe header is designed in a structure where contacts are exposed. Touching it with bare hands
would cause contact failure or electrostatic element damage.
sWhere no board is mounted, the insertion or extraction will cause damage or contact deformation.
sAvoid retaining the board with the connector only, and fix the board by any other means than the connector.
sExcessive scoop insertion or extraction may result in damage.
sIn the manual soldering process, don't carry out flux coating which will cause a flux blister on the connector.
sThe color phase of this product may be slightly different from that of the formed product
according to the manufacturing lot. However, the difference doesn't affect the performance.
BPrecautions


Similar Part No. - DF16B-16DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
DF16B0010 FARADAY-DF16B0010 Datasheet
17Kb / 2P
   HDTV DELAY LINES
DF16B0020 FARADAY-DF16B0020 Datasheet
17Kb / 2P
   HDTV DELAY LINES
More results

Similar Description - DF16B-16DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com