Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH12-40S-0.5SV Datasheet(PDF) 9 Page - Hirose Electric

Part # FH12-40S-0.5SV
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH12-40S-0.5SV Datasheet(HTML) 9 Page - Hirose Electric

Back Button FH12-40S-0.5SV Datasheet HTML 2Page - Hirose Electric FH12-40S-0.5SV Datasheet HTML 3Page - Hirose Electric FH12-40S-0.5SV Datasheet HTML 4Page - Hirose Electric FH12-40S-0.5SV Datasheet HTML 5Page - Hirose Electric FH12-40S-0.5SV Datasheet HTML 6Page - Hirose Electric FH12-40S-0.5SV Datasheet HTML 7Page - Hirose Electric FH12-40S-0.5SV Datasheet HTML 8Page - Hirose Electric FH12-40S-0.5SV Datasheet HTML 9Page - Hirose Electric FH12-40S-0.5SV Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
14
Applicable FPC end thickness : 0.18
±0.05
s0.5mm Pitch Bottom Contact Type with 0.18mm FPC End Thickness
0.2
0.5
A
B
C
D
5.6
4.6
FPC Contact Surface
3.15
2.15
1.25
Mated Cross-sectional Diagram
()
()
()
()
Note: Embossed tape reel packaging (2,000 pieces/reel).
Order by number of reels.
D
Unit:mm
CL No.
Part Number
586-0672-6
586-0709-4
586-0653-1
586-0629-7
586-0655-7
586-0680-4
586-0673-9
586-0626-9
586-0636-2
586-0630-6
586-0632-1
586-0627-1
586-0643-8
586-0628-4
586-0705-3
--------------------
586-0677-0
586-0656-0
586-0635-0
FH12F-06S-0.5SH
FH12F-10S-0.5SH
FH12F-12S-0.5SH
FH12F-13S-0.5SH
FH12F-14S-0.5SH
FH12F-15S-0.5SH
FH12F-16S-0.5SH
FH12F-18S-0.5SH
FH12F-20S-0.5SH
FH12F-22S-0.5SH
FH12F-24S-0.5SH
FH12F-26S-0.5SH
FH12F-28S-0.5SH
FH12F-30S-0.5SH
FH12F-32S-0.5SH
FH12F-33S-0.5SH
FH12F-34S-0.5SH
FH12F-36S-0.5SH
FH12F-40S-0.5SH
Number of Contacts
6
10
12
13
14
15
16
18
20
22
24
26
28
30
32
33
34
36
40
A
B
02.5
04.5
05.5
06.0
06.5
07.0
07.5
08.5
09.5
10.5
11.5
12.5
13.5
14.5
15.5
16.0
16.5
17.5
19.5
06.1
08.1
09.1
09.6
10.1
10.6
11.1
12.1
13.1
14.1
15.1
16.1
17.1
18.1
19.1
19.6
20.1
21.1
23.1
C
07.1
09.1
10.1
10.6
11.1
11.6
12.1
13.1
14.1
15.1
16.1
17.1
18.1
19.1
20.1
20.6
21.1
22.1
24.1
03.57
05.57
06.57
07.07
07.57
08.07
08.57
09.57
10.57
11.57
12.57
13.57
14.57
15.57
16.57
17.07
17.57
18.57
20.57


Similar Part No. - FH12-40S-0.5SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-40S-0.5SV HIROSE-FH12-40S-0.5SV Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-40S-0.5SV HIROSE-FH12-40S-0.5SV Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-40S-0.5SV55 HIROSE-FH12-40S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12-40S-0.5SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com