Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF18D-20DP-0.4V Datasheet(PDF) 3 Page - Hirose Electric

Part # DF18D-20DP-0.4V
Description  0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF18D-20DP-0.4V Datasheet(HTML) 3 Page - Hirose Electric

  DF18D-20DP-0.4V Datasheet HTML 1Page - Hirose Electric DF18D-20DP-0.4V Datasheet HTML 2Page - Hirose Electric DF18D-20DP-0.4V Datasheet HTML 3Page - Hirose Electric DF18D-20DP-0.4V Datasheet HTML 4Page - Hirose Electric DF18D-20DP-0.4V Datasheet HTML 5Page - Hirose Electric DF18D-20DP-0.4V Datasheet HTML 6Page - Hirose Electric DF18D-20DP-0.4V Datasheet HTML 7Page - Hirose Electric DF18D-20DP-0.4V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
t=0.15 ±0.02
P=0.4±0.04
0.2±0.03
±0.15
1.8
C
+0.03
-0.05
+0.05
-0.03
3.96
+0.04
-0.08
D±0.04
A±0.2
B
0.6±0.06
2±0.06
1.4±0.1
1.4±0.1
±0.15
1.8
P=0.4±0.02
0.2±0.02
0.7
+0.05
0
D±0.02
1.1±0.02
1.1±0.02
0.7
+0.05
0
PCB mounting pattern
Part Number
DF18B - 20DS-0.4V (81)
DF18B - 30DS-0.4V (81)
DF18B - 40DS-0.4V (81)
DF18B - 50DS-0.4V (81)
DF18B - 60DS-0.4V (81)
DF18B - 70DS-0.4V (81)
DF18B - 80DS-0.4V (81)
DF18B-100DS-0.4V (81)
DF18B-120DS-0.4V (81)
CL No.
684-0021-3-81
684-0022-6-81
684-0023-9-81
684-0005-7-81
684-0006-0-81
684-0024-1-81
Reserved for product expansion
684-0008-5-81
Reserved for product expansion
Number of Contacts
20
30
40
50
60
70
80
100
120
A
7.20
9.20
11.20
13.20
15.20
17.20
19.20
23.20
27.20
B
5.62
7.62
9.62
11.62
13.62
15.62
17.62
21.62
25.62
C
4.18
6.18
8.18
10.18
12.18
14.18
16.18
20.18
24.18
D
3.60
5.60
7.60
9.60
11.60
13.60
15.60
19.60
23.60
Unit: mm
Note: Embossed tape reel packaging(2,000 pieces/reel)
Order by the number of reels.
Receptacles (with metal hold-down)


Similar Part No. - DF18D-20DP-0.4V

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
DF180 SIPOWER-DF180 Datasheet
267Kb / 2P
   Bridge Rectifier
DF180 SIPOWER-DF180 Datasheet
261Kb / 2P
   Bridge Rectifier
logo
WALSIN TECHNOLOGY CORPO...
DF18140836B507T WALSIN-DF18140836B507T Datasheet
885Kb / 13P
   Low loss, Low pass band ripple
DF18140897B801T WALSIN-DF18140897B801T Datasheet
859Kb / 13P
   Low loss, Low pass band ripple
DF18141747B303T WALSIN-DF18141747B303T Datasheet
538Kb / 9P
   Low loss, Low pass band ripple
More results

Similar Description - DF18D-20DP-0.4V

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
   0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WA6 JAE-WA6 Datasheet
336Kb / 5P
   0.4mm pitch Board to Board connector
logo
Hirose Electric
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com