Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF18C-20DP-0.4V Datasheet(PDF) 8 Page - Hirose Electric

Part # DF18C-20DP-0.4V
Description  0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF18C-20DP-0.4V Datasheet(HTML) 8 Page - Hirose Electric

  DF18C-20DP-0.4V Datasheet HTML 1Page - Hirose Electric DF18C-20DP-0.4V Datasheet HTML 2Page - Hirose Electric DF18C-20DP-0.4V Datasheet HTML 3Page - Hirose Electric DF18C-20DP-0.4V Datasheet HTML 4Page - Hirose Electric DF18C-20DP-0.4V Datasheet HTML 5Page - Hirose Electric DF18C-20DP-0.4V Datasheet HTML 6Page - Hirose Electric DF18C-20DP-0.4V Datasheet HTML 7Page - Hirose Electric DF18C-20DP-0.4V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
HIROSE ELECTRIC CO., LTD.
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN
PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933
http://www.hirose.com
http://www.hirose-connectors.com
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of product improvements.
8
1. Recommended temperature profile
2. Recommended soldering conditions
Soldering temperature: 290
10
o
C, soldering time: within 2 sec.
Note 1: Up to 2 cycles of reflow soldering are possible under the same conditions, provided that there is
a return to normal temperature between the first and second cycle.
Note 2: The temperature profile indicates the board surface temperature at the point of contacts with
the connector terminals (for surface mounted plug assembly).
4. Board warping
Maximum of 0.03mm at the connector center section, with both ends of the connector as reference points.
5. Cleaning conditions
Refer to "Nylon Connector Use Handbook".
6. Precautions
Excessive twisting when mating/un-mating may cause damage to the connectors.
Specify receptacles with the metal hold-down when connecting rigid (non- flexible) printed circuit boards.
3. Recommended screen thickness
and open area ratio (Pattern area ratio)
Thickness: 0.12 mm
Open area ratio: 70%
250
o
C
200
o
C
150
o
C
100
o
C
50
o
C
0
o
C
Temperature
0 sec.
50 sec.
100 sec.
150 sec. Time
240
oC max.
220
oC
Preheating
Soldering
IR Re-flow
Preheating:
Soldering:
150
oC
235 5
oC
220
oC min.
30 to 90 sec.
for 10 sec. Max.
for 10 to 20 sec.
USA:
HIROSE ELECTRIC U.S.A., INC.
2688 Westhills Court, Simi Valley, CA 93065-6235
Phone : 1 805 522 7958
Fax : 1 805 522 3217
http://www.hiroseusa.com
UNITED KINGDOM:
HIROSE ELECTRIC UK LTD.
Crownhill Business Centre 22 Vincent Avenue
Crownhill, Milton Keynes MK8 OAB
Phone : 44 1908 305400
Fax : 44 1908 305401
http://www.hirose.co.uk
HONG KONG:
HIROSE ELECTRIC CO., LTD.
Unit 506, Energy Plaza. 92 Granville Road, Tsim Sha
Tsui East, Kowloon
Phone : 852 2803 5338
Fax : 852 2591 6560
GERMANY:
HIROSE ELECTRIC GmbH
Zeppelinstrasse-42 D-73760 Ostfildern Kemnat
Phone : 49 711 4560021
Fax : 49 711 4560729
http://www.hirose.de
KOREA:
HIROSE KOREA CO., LTD.
(#2NA311,Shihwa Industrial Complex),
1261-10, Jeoungwhang-Dong, Shihung-City, Kyunggi-Do
Phone : 886 2 2557 7351, 7352
Fax : 886 2 2552 9851
http://www.hirose.co.kr
TAIWAN:
HIROSE ELECTRIC TAIWAN CO., LTD.
No.28 Lane 247 Sec. 2 Yen Ping N,Rd.Taipei
Phone : 886 2 2557 7351, 7352
Fax : 886 2 2552 9851
THE NETHERLANDS:
HIROSE ELECTRIC B.V.
Beechavenue 46.1119PV
Schiphol-Rijk
Phone : 31 20 6557 460
Fax : 31 20 6557 469
http://www.hiroseeurope.com
CHINA:
HIROSE ELECTRIC TRADING(SHANGHAI) CO., LTD.
3705,Bund Center,222 Yan An Road(E),
Shanghai 20002
Phone : 86 21 6335 2538
Fax : 86 21 6335 0767
SINGAPORE:
HIROSE ELECTRIC CO., LTD.
10 Anson Road #34-13 International Plaza 079903
Phone : 65 6324 6113
Fax : 65 6324 6123
Usage Recommendations


Similar Part No. - DF18C-20DP-0.4V

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
DF180 SIPOWER-DF180 Datasheet
267Kb / 2P
   Bridge Rectifier
DF180 SIPOWER-DF180 Datasheet
261Kb / 2P
   Bridge Rectifier
logo
WALSIN TECHNOLOGY CORPO...
DF18140836B507T WALSIN-DF18140836B507T Datasheet
885Kb / 13P
   Low loss, Low pass band ripple
DF18140897B801T WALSIN-DF18140897B801T Datasheet
859Kb / 13P
   Low loss, Low pass band ripple
DF18141747B303T WALSIN-DF18141747B303T Datasheet
538Kb / 9P
   Low loss, Low pass band ripple
More results

Similar Description - DF18C-20DP-0.4V

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
   0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WA6 JAE-WA6 Datasheet
336Kb / 5P
   0.4mm pitch Board to Board connector
logo
Hirose Electric
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com