Electronic Components Datasheet Search |
|
FH23-27S-0.3SHW Datasheet(PDF) 2 Page - Hirose Electric |
|
FH23-27S-0.3SHW Datasheet(HTML) 2 Page - Hirose Electric |
2 / 10 page 2 100 V DC 90 V AC/one minute 1 mA AC 10 cycles Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 10 cycles, 3 axis. Acceleration of 981 m/s2, 6ms duration, sine half-wave waveform, 3 cycles, 3 axis. 96 hours at temperature of 40 °C and humidity of 90% to 95% Temperature:-55 ç/+15ç to +35ç/+85ç/+15ç to +35ç Time: 30/ 2 to 3 / 30 / 2 to 3 (Minutes) 5 cycles Reflow: At the recommended temperature profile Manual soldering: 350 ç±5 ç for 5 seconds 50 M ohms min. No flashover or insulation breakdown 100 m ohms max. *Including FPC/FFC conductor resistance Contact resistance: 100 m ohms max. No damage, cracks, or parts dislocation. No electrical discontinuity of 1 µs or more. Contact resistance: 100 m ohms max. No damage, cracks, or parts dislocation. No electrical discontinuity of 1 µs. min. Contact resistance: 100 m ohms max. No damage, cracks, or parts dislocation. Contact resistance: 100 m ohms max. Insulation resistance: 50 M ohms min. No damage, cracks, or parts dislocation. Contact resistance: 100 m ohms max. Insulation resistance: 50 M ohms min. No damage, cracks, or parts looseness. No deformation of components affecting performance. 1. Insulation resistance 2. Withstanding voltage 3. Contact resistance 4. Durability 4. (insertion/ withdrawal) 5. Vibration 6. Shock 7. Humidity (Steady state) 8. Temperature cycle 9. Resistance to soldering heat Item Specification Conditions Terminal type SHW: SMT horizontal mounting type, lead type termination. SHAW: SMT horizontal mounting type, lead-less type termination. Plating specifications : (05) : Gold plating (51) : Tin-lead plating --------------- sMaterials sOrdering information FH23 - 39S - 0.3 SHW (05) 1 3 4 2 5 Series name : FH23 No. of contacts. Number of contacts : 15,17,21,23,25,27,31,33,39,45,51,61,71 Contact pitch: 0.3 mm 1 2 3 4 Part Contacts Insulator LCP LCP Phosphor bronze Color:Beige Color:Black Tin-lead plating (Note 3) UL94V-0 Material Finish Remarks sProduct Specifications Ratings Current rating 0.3 A DC Voltage rating 30 V AC Operating temperature range -55 ç to +85ç (Note 1) Operating humidity range Relative humidity 90% max. (No condensation) Storage temperature range -10 ç to +50ç (Note 2) Storage humidity range Relative humidity 90% max. Recommended FPC Thickness: = 0.2±0.03mm Tin-lead plating (Note 3) Note 1: Includes temperature rise caused by current flow. Note 2: The term ”storage” refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation. Note 3: When FPC is gold plated, the connector contacts should be also gold plated: Select the (05) specification. 5 |
Similar Part No. - FH23-27S-0.3SHW |
|
Similar Description - FH23-27S-0.3SHW |