Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX320C6746ZCE Datasheet(PDF) 4 Page - Texas Instruments

Part # TMX320C6746ZCE
Description  Fixed- and Floating-Point DSP
Download  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX320C6746ZCE Datasheet(HTML) 4 Page - Texas Instruments

  TMX320C6746ZCE Datasheet HTML 1Page - Texas Instruments TMX320C6746ZCE Datasheet HTML 2Page - Texas Instruments TMX320C6746ZCE Datasheet HTML 3Page - Texas Instruments TMX320C6746ZCE Datasheet HTML 4Page - Texas Instruments TMX320C6746ZCE Datasheet HTML 5Page - Texas Instruments TMX320C6746ZCE Datasheet HTML 6Page - Texas Instruments TMX320C6746ZCE Datasheet HTML 7Page - Texas Instruments TMX320C6746ZCE Datasheet HTML 8Page - Texas Instruments TMX320C6746ZCE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 248 page
background image
Switched Central Resource (SCR)
BOOT ROM
256KB L2 RAM
32KB
L1 RAM
32KB
L1 Pgm
AET
C674x™
DSP CPU
DSP Subsystem
JTAG Interface
System Control
Input
Clock(s)
Power/Sleep
Controller
Pin
Multiplexing
PLL/Clock
Generator
w/OSC
General-
Purpose
Timer (x3)
Serial Interfaces
Audio Ports
McASP
w/FIFO
DMA
Peripherals
External Memory Interfaces
Connectivity
EDMA3
(x2)
Control Timers
ePWM
(x2)
eCAP
(x3)
EMIFA(8b/16B)
NAND/Flash
16b SDRAM
DDR2/MDDR
Controller
RTC/
32-kHz
OSC
I C
(x2)
2
SPI
(x2)
UART
(x3)
McBSP
(x2)
Video
VPIF
Parallel Port
uPP
EMAC
10/100
(MII/RMII)
MDIO
USB2.0
OTG Ctlr
PHY
HPI
MMC/SD
(8b)
(x2)
Customizable Interface
PRU Subsystem
Memory
Protection
TMS320C6746
SPRS591E – NOVEMBER 2009 – REVISED MARCH 2014
www.ti.com
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the device.
Figure 1-1. Functional Block Diagram
4
TMS320C6746 Fixed- and Floating-Point DSP
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6746


Similar Part No. - TMX320C6746ZCE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6746ZCE3 TI-TMX320C6746ZCE3 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMX320C6746ZCEA3 TI-TMX320C6746ZCEA3 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
More results

Similar Description - TMX320C6746ZCE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com