Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FH25-21S-0.3SH Datasheet(PDF) 5 Page - Hirose Electric

Part No. FH25-21S-0.3SH
Description  0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

FH25-21S-0.3SH Datasheet(HTML) 5 Page - Hirose Electric

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
0.25±0.05(Metal mask)
Recommended metal mask thickness:
t = 0.1 mm
∞Number of contacts
0.1 H
H
(0.05)
(0.2)
A
0.3
0.3±0.05 (Land)
FULL
R
0.4±0.03
0.4±0.03
B±0.05
BRecommended PCB mounting pattern and metal mask dimensions
Covering film layer
0.2±0.03
C±0.05
A±0.03
D±0.03
0.3±0.07
0.6±0.02
0.3
+0.04
- 0.03
0.3
+0.04
- 0.03
2-R0.2 MAX
0.6±0.02
0.3±0.02
0.6±0.07
(0.6)
BRecommended FPC Dimensions
Polyamide and thermally hardening adhesive is recommended as the stiffener materials.
Overlap between covering film layer and stiffener is 0.5mm min.
1
2
Unit: mm
Embossed tape reel packaging (5,000 pieces/reel).
Order by number of reels.
Part Number
FH25-21S-0.3SH(05)
FH25-27S-0.3SH(05)
FH25-33S-0.3SH(05)
FH25-39S-0.3SH(05)
FH25-45S-0.3SH(05)
FH25-51S-0.3SH(05)
CL586-1204-3-05
CL586-1205-6-05
CL586-1207-1-05
CL586-1208-4-05
CL586-1209-7-05
CL586-1200-2-05
21
27
33
39
45
51
6.0
7.8
9.6
11.4
13.2
15.0
7.2
9.0
10.8
12.6
14.4
16.2
6.6
8.4
10.2
12.0
13.8
15.6
5.4
7.2
9.0
10.8
12.6
14.4
CL No.
Number of Contacts
A
B
C
D


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn