Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH25-21S-0.3SH Datasheet(PDF) 1 Page - Hirose Electric

Part # FH25-21S-0.3SH
Description  0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH25-21S-0.3SH Datasheet(HTML) 1 Page - Hirose Electric

  FH25-21S-0.3SH Datasheet HTML 1Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 2Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 3Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 4Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 5Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 6Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 7Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH 25 Series
NEW
NEW
2004.6
sFeatures
1. Extremely light weight
The largest version, with all contacts loaded, weights
only 0.11gramms.
2. Conductive traces on the PCB can run
under the connector
No exposed contacts on the bottom of the connector.
3. High density together with reliable solderability on the board
Staggered contact points and the leads plus the nickel
barriers assure sufficient distance to prevents solder
bridging.
4. Easy FPC insertion and reliable electrical connection
Proven Flip Lock® actuator allows easy insertion of FPC.
Tactile sensation when fully closed confirms complete
electrical and mechanical connection.
5. Accepts standard thickness FPC
0.2 mm thick standard Flexible Printed Circuit board can
be used. This is the only ultra-low profile ZIF connector
allowing the use of standard FPC.
6. Board placement with automatic equipment
Flat top surface and packaging on the tape-and-reel
allows use of vacuum nozzles.
Standard reel contains 5,000 connectors.
sApplications
Mobile phones, PDA’s, digital cameras, digital video
cameras, LCD connections, plasma displays (PDP), camera
modules and other compact devices requiring Flexible
Printed Circuit connections using high reliability ultra-small
profile connectors.
3.45mm
17.1mm
(51pos. type)
0.3mm
Solid bottom surface
0.6mm
Insulator body
Contacts
Mounting pitch
Nickel barrier prevents
solder bridges
Actuator open
FPC insertion direction
Actuator closed
FPC fully inserted
No exposed contacts
Metal fittings do not protrude outside of the connector body
Absence of protrusions on each
side of connector allows closer
side-by-side mounting of the
connectors or closer component
placement in miniaturized devices.
FPC


Similar Part No. - FH25-21S-0.3SH

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH2 GOOD-ARK-FH2 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
Sanyo Semicon Device
FH201 SANYO-FH201 Datasheet
75Kb / 8P
   VCO OSC Circuit Applications
FH202 SANYO-FH202 Datasheet
82Kb / 9P
   VCO OSC Circuit Applications
FH203 SANYO-FH203 Datasheet
66Kb / 9P
   VCO OSC Circuit Applications
logo
List of Unclassifed Man...
FH20C1 ETC2-FH20C1 Datasheet
32Kb / 1P
   1.3mm /1.1mm Ceramic Surface Mount Crystals
More results

Similar Description - FH25-21S-0.3SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH30 HIROSE-FH30 Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com