Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320VC33GNMM150 Datasheet(PDF) 10 Page - Texas Instruments

Part # SM320VC33GNMM150
Description  Digital Signal Processor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320VC33GNMM150 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SM320VC33GNMM150 Datasheet HTML 6Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 7Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 8Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 9Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 10Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 11Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 12Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 13Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
6.6 Timing Requirements for EXTCLK, All Modes
see Figure 3 and Figure 4
MIN
MAX
UNIT
F = Fmax, x0.5 and x1 modes
1(1)
tr(EXTCLK)
Rise time, EXTCLK
ns
F < Fmax
4(1)
F = Fmax, x0.5 and x1 modes
1(1)
tf(EXTCLK)
Fall time, EXTCLK
ns
F < Fmax
4(1)
x5 mode
21(1)
tw(EXTCLKL)
Pulse duration, EXTCLK low
x1 mode
6(1)
ns
x0.5 mode
4(1)
x5 mode
21(1)
tw(EXTCLKH)
Pulse duration, EXTCLK high
x1 mode
5(1)
ns
x0.5 mode
4(1)
x5 PLL mode
40%(1)
60%(1)
tdc(EXTCLK)
Duty cycle, EXTCLK [tw(EXTCLKH) / tc(H)]
x1 and x0.5 modes, F = max
45%
55%
x1 and x0.5 modes, F = 0 Hz
0%(1)
100%(1)
x5 mode
66.7(1)
200(1)
tc(EXTCLK)
Cycle time, EXTCLK
x1 mode
13.3
ns
x0.5 mode
10(1)
x5 mode
5(1)
15(1)
Fext
Frequency range, 1 / tc(EXTCLK)
x1 mode
0
75
MHz
x0.5 mode
0(1)
100(1)
(1)
Not production tested
6.7 Timing Requirements for Memory Read/Write for STRB
see Figure 5 through Figure 7
(1)
MIN
MAX
UNIT
tsu(D-H1L)R
Setup time, data before H1 low (read)
5(2)
ns
th(H1L-D)R
Hold time, data after H1 low (read)
–1(2)
tsu(RDY-H1H)
Setup time, RDY before H1 high
5
th(H1H-RDY)
Hold time, RDY after H1 high
–1(2)
td(A-RDY)
Delay time, address valid to RDY
P – 6(2)(3)
tv(A-D)
Valid time, data valid after address
0 wait state, CL = 30 pF
6(2)
PAGEx, or STRB valid
1 wait state
tc(H) + 6(2)
(1)
These timings assume a similar loading of 30 pF on all pins.
(2)
Not production tested
(3)
P = tc(H) / 2 (when duty cycle equals 50%).
6.8 Timing Requirements for XF0 and XF1 when Executing LDFI or LDII
see Figure 8
MIN
MAX
UNIT
tsu(XF1-H1L)
Setup time, XF1 before H1 low
4(1)
ns
th(H1L-XF1)
Hold time, XF1 after H1 low
0(1)
(1)
Not production tested
10
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33


Similar Part No. - SM320VC33GNMM150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320VC33GNMM150 TI-SM320VC33GNMM150 Datasheet
614Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320VC33GNMM150EP TI1-SM320VC33GNMM150EP Datasheet
997Kb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320VC33GNMM150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com