Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH23-15S-0.3SHW Datasheet(PDF) 1 Page - Hirose Electric

Part # FH23-15S-0.3SHW
Description  0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH23-15S-0.3SHW Datasheet(HTML) 1 Page - Hirose Electric

  FH23-15S-0.3SHW Datasheet HTML 1Page - Hirose Electric FH23-15S-0.3SHW Datasheet HTML 2Page - Hirose Electric FH23-15S-0.3SHW Datasheet HTML 3Page - Hirose Electric FH23-15S-0.3SHW Datasheet HTML 4Page - Hirose Electric FH23-15S-0.3SHW Datasheet HTML 5Page - Hirose Electric FH23-15S-0.3SHW Datasheet HTML 6Page - Hirose Electric FH23-15S-0.3SHW Datasheet HTML 7Page - Hirose Electric FH23-15S-0.3SHW Datasheet HTML 8Page - Hirose Electric FH23-15S-0.3SHW Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH 23 Series
sFeatures
1. FPC low insertion force and high holding force
Hirose Electric's unique low insertion force (LIF) design
(patents pending) improves the Flexible Printed Circuit
(FPC) holding force after insertion.
FPC insertion force:Reduced approximately 36%
(as compared with FH18 Series connectors).
FPC holding force:Improvement of approximately 22%
(as compared with FH18 Series connectors).
2. Temporary hold of FPC
There is no need to hold the FPC after insertion in the
connector. The connector will hold it in correct position,
allowing closing of the actuator.
3. Easy board mounting
The surface mounted termination of the contacts is staggered on
0.6 mm centers, positioned on front and back of the connector.
Bottom of the connector is completely insulated, allowing
conductive traces on PCB to run under the connector.
4. Proven Flip-lock Actuator assures easy and
reliable operation
Rotating actuator permits easy insertion and reliable connection
with the FPC. Tactile sensation confirms complete mechanical
locking of the actuator and the electrical connection.
5. Variations to suit different mounting areas
Available with lead and leadless type of terminations
(for opposing FPC insertion side).
6. Designed for placement with automatic equipment
Flat top surface allows pick-up with vacuum nozzles.
Packaged in embossed tape, on reel. One reel contains 2,500 pieces.
7. Accepts 0.2mm thick FPC
8. Variety of contact positions
Available with 15,17,21,23,25,27,31,33,39,45,51,61and 71 pos.
8. Environmental considerations
Plating is lead-free in order to protect environment.
sApplications
Mobile phones, PDA’s, digital cameras, digital video
cameras
and
other
compact
devices
requiring
interconnections of the main circuit with the LCD,
plasma display (PDP), camera module, or other devices.
qStaggered termination configuration. Only 1.25 mm above the board.
When the actuator is opened
Temporary hold of FPC
When the actuator is closed
Leadless type
Lead type
1.25mm
Completely enclosed
bottom surface
2004.6


Similar Part No. - FH23-15S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
More results

Similar Description - FH23-15S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com