Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF16A-60DS-0.5V Datasheet(PDF) 9 Page - Hirose Electric

Part # DF16A-60DS-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF16A-60DS-0.5V Datasheet(HTML) 9 Page - Hirose Electric

  DF16A-60DS-0.5V Datasheet HTML 1Page - Hirose Electric DF16A-60DS-0.5V Datasheet HTML 2Page - Hirose Electric DF16A-60DS-0.5V Datasheet HTML 3Page - Hirose Electric DF16A-60DS-0.5V Datasheet HTML 4Page - Hirose Electric DF16A-60DS-0.5V Datasheet HTML 5Page - Hirose Electric DF16A-60DS-0.5V Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 6 page
background image
A316
Number of Contacts
14
16
20
30
34
40
50
60
80
C
03.0
03.5
04.5
07.0
08.0
09.5
12.0
14.5
19.5
G
05.0
05.5
06.5
09.0
10.0
11.5
14.0
16.5
21.5
M
09.4
09.9
10.9
13.4
14.4
15.9
18.4
20.9
25.9
N
05.8
06.3
07.3
09.8
10.8
12.3
14.8
17.3
22.3
qReceptacle
sRecommended PCB mounting pattern
qHeader (Board to Board 2.0, 2.5mm)
Number of Contacts
14
16
20
30
34
40
50
60
80
B
03.0
03.5
04.5
07.0
08.0
09.5
12.0
14.5
19.5
E
04.4
04.9
05.9
08.4
09.4
10.9
13.4
15.9
20.9
G
07.4
07.9
08.9
11.4
12.4
13.9
16.4
18.9
23.9
H
05.4
05.9
06.9
09.4
10.4
11.9
14.4
16.9
21.9
K
09.0
09.5
10.5
13.0
14.0
15.5
18.0
20.5
25.5
Note1: If the pattern is included in the shaded area, and is not treated with resist, it could touch the
connector contact.
Note2: If the boss isn't included, the boss hole shown in the above isn't required.
Note1: If the pattern is included in the shaded area, and is not treated with resist, it could touch the
connector contact .
Note2: If the boss isn't included, the boss hole shown in the above isn't required.
Note3: Don't install any part in the shaded area. If installed, the connectors can't be mated with each other.
Ø0.6
+0.05
0
(Note
2)
G±0.03
0.25±0.02
P=0.5±0.02
C±0.03
N
0
M
+0.1
+0.1
0
Ø0.6
(N
ote
2)
+0.05
0
E±0.03
K
0.25±0.02
P=0.5±0.02
B±0.03
H
0
-0.1
G
+0.1
0


Similar Part No. - DF16A-60DS-0.5V

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
DF160 SIPOWER-DF160 Datasheet
267Kb / 2P
   Bridge Rectifier
DF160 SIPOWER-DF160 Datasheet
261Kb / 2P
   Bridge Rectifier
logo
Infineon Technologies A...
DF160R12W2H3F-B11 INFINEON-DF160R12W2H3F-B11 Datasheet
797Kb / 11P
   Al2O3 Substrate with Low Thermal Resistance
2013-11-11 revision:2.0
DF160R12W2H3F_B11 INFINEON-DF160R12W2H3F_B11 Datasheet
728Kb / 11P
   Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
logo
SHINMEI ELECTRIC CO., L...
DF1620E SHINMEI-DF1620E Datasheet
56Kb / 2P
   Flapper Solenoids DF1620E Series With Diode Protecting From Counter Electromotive Voltage,
More results

Similar Description - DF16A-60DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com