Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF12A-30DP-0.5V Datasheet(PDF) 10 Page - Hirose Electric

Part # DF12A-30DP-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF12A-30DP-0.5V Datasheet(HTML) 10 Page - Hirose Electric

  DF12A-30DP-0.5V Datasheet HTML 1Page - Hirose Electric DF12A-30DP-0.5V Datasheet HTML 2Page - Hirose Electric DF12A-30DP-0.5V Datasheet HTML 3Page - Hirose Electric DF12A-30DP-0.5V Datasheet HTML 4Page - Hirose Electric DF12A-30DP-0.5V Datasheet HTML 5Page - Hirose Electric DF12A-30DP-0.5V Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 6 page
background image
A306
qReel Dimensions
BRecommended PCB mounting pattern
sDF12 with metal fitting
sDF12 without metal fitting
Note 1 : Refer to A299 to A304 for sides A, B, and D.
Note 2 : If the boss isn't included, the boss shown in the above figure isn't required.
Note 3 :
If the pattern is included in the shaded area, and not treated with resist, it could touch the connector contact .


Similar Part No. - DF12A-30DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-30DS-0.5V HIROSE-DF12A-30DS-0.5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12A-30DS-0.5V ETC-DF12A-30DS-0.5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12A-30DS-0.5V(81) HIROSE-DF12A-30DS-0.5V(81) Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF12A-30DS-0.5V(81) HIROSE-DF12A-30DS-0.5V(81) Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results

Similar Description - DF12A-30DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com