Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3871CCYE80 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871CCYE80
Description  Sitara ARM Processors
Download  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871CCYE80 Datasheet(HTML) 3 Page - Texas Instruments

  AM3871CCYE80 Datasheet HTML 1Page - Texas Instruments AM3871CCYE80 Datasheet HTML 2Page - Texas Instruments AM3871CCYE80 Datasheet HTML 3Page - Texas Instruments AM3871CCYE80 Datasheet HTML 4Page - Texas Instruments AM3871CCYE80 Datasheet HTML 5Page - Texas Instruments AM3871CCYE80 Datasheet HTML 6Page - Texas Instruments AM3871CCYE80 Datasheet HTML 7Page - Texas Instruments AM3871CCYE80 Datasheet HTML 8Page - Texas Instruments AM3871CCYE80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 358 page
background image
AM3874, AM3871
www.ti.com
SPRS695D – SEPTEMBER 2011 – REVISED JANUARY 2016
1.3
Description
AM387x Sitara ARM processors are highly integrated, programmable platforms that leverage the Sitara
processor technology.
The device enables Original-Equipment Manufacturers (OEMs) and Original-Design Manufacturers
(ODMs) to quickly bring to market devices featuring robust operating systems support, rich user interfaces,
and high processing performance through the maximum flexibility of a fully integrated mixed processor
solution. The device also combines programmable ARM processing with a highly integrated peripheral set.
The AM387x Sitara ARM processors also present OEMs and ODMs with new levels of processor
scalability and software reuse. An OEM or ODM who used the AM387x processors in a design and can
make a similar product with added features could scale up to the pin-compatible and software-compatible
TMS320DM814x processors from TI. The TMS320DM814x DaVinci video processors add a powerful
C674x core DSP along with a video encoder and decoder to the hardware on the AM387x. Additionally,
OEMs or ODMs that have used the AM387x or DM814x processors and find a need for a faster ARM
and/or DSP core performance could scale up to the software-compatible AM389x or TMS320DM816x
devices with higher core speeds.
Programmability is provided by an ARM Cortex-A8 RISC CPU with Neon extension. The ARM processor
lets developers keep control functions separate from algorithms programmed on coprocessors, thus
reducing the complexity of the system software. The ARM Cortex-A8 32-bit RISC core with Neon floating-
point extension includes: 32KB of instruction cache; 32KB of data cache; 512KB of L2 cache; 48KB of
boot ROM; and 64KB of RAM.
The AM387x Sitara ARM processors also include an SGX530 3D graphics engine to off-load many
graphics processing tasks from the ARM core, making more ARM MIPS available for common processing
tasks on algorithms. Additionally, the AM387x processor has a complete set of development tools for the
ARM which include C compilers and a Microsoft® Windows® debugger interface for visibility into source
code execution.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
AM3874
CYE (684)
23 mm × 23 mm
AM3871
CYE (684)
23 mm × 23 mm
Copyright © 2011–2016, Texas Instruments Incorporated
High-Performance System-on-Chip (SoC)
3
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871


Similar Part No. - AM3871CCYE80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3871 TI1-AM3871 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3871BCYE100 TI1-AM3871BCYE100 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3871BCYE80 TI1-AM3871BCYE80 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3871BCYEA80 TI1-AM3871BCYEA80 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
More results

Similar Description - AM3871CCYE80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM3894CCYG120 TI-AM3894CCYG120 Datasheet
1Mb / 308P
[Old version datasheet]   AM389x Sitara ARM Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com