Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FH19-4S-0.5SH Datasheet(PDF) 9 Page - Hirose Electric

Part No. FH19-4S-0.5SH
Description  0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

FH19-4S-0.5SH Datasheet(HTML) 9 Page - Hirose Electric

   
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
46
BFH19 & FH19S Series FPC/FFC Construction (Recommended Specifications)
1. Using Single-sided FPC
2. Dual-sided FPC
Note 1: The 0.2mm thick FFC is the 0.3mm thick FFC with different stiffener.
Note 2: This specification is a recommendation for the FH19, FH19S Series connectors using FPC/FFC 0.2/0.3 ±0.03mm thick.
3. Using FFC (Flexible Flat Cable)
FPC : Flexible Printed Circuit
Material Name
Surface treatment
Copper foil
Base adhesive
Base film
Reinforcement material adhesive
Stiffener
Material
Thickness (µm)
FH19
FH19S
Tin-lead plating
Cu
1oz
Polyamide
1 mil thick
Heat-hardened adhesive
Polyamide
3 mil thick
Total
Covering film layer.
Cover adhesive
Polyamide
1 mil thick
5
35
25
25
30
75
195
5
35
25
25
30
175
295
25
25
25
25
FPC : Flexible Printed Circuit
Covering layer film
Cover adhesive
Surface treatment
Through-hole copper
Copper foil
Base adhesive
Base film
Base adhesive
Copper foil
Cover adhesive
Covering layer film
Reinforcement material adhesive
Stiffener
Cu
1/2oz
Polyamide
1 mil thick
Heat-hardened adhesive
Polyamide
1 mil thick
Total
18
25
25
25
25
199
18
25
25
50
100
299
Polyamide
1 mil thick
Tin-lead plating
Cu
Cu
1/2oz
Polyamide
1 mil thick
25
25
5
15
18
18
25
18
25
25
5
15
18
18
25
18
Material Name
Material
Thickness (µm)
FH19
FH19S
FFC : Flexible Flat Cable
Tin plated, soft copper film
Adhesive
Polyester
Adhesive
Stiffener
Polyester film
Adhesive
* Practical tolerance of thickness dimension is ±20µm (i.e., 187 to 227µm).
Polyester
Polyester
Polyester
Total
Polyester thermoplastic type
12
30
35
30
12
30
100
207
12
30
35
30
12
30
188
295
Material Name
Material
Thickness (µm)
FH19
FH19S


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn