Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX40T-CCV Datasheet(PDF) 2 Page - Hirose Electric

Part # EX40T-CCV
Description  High-Speed Differential Signal Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

EX40T-CCV Datasheet(HTML) 2 Page - Hirose Electric

  EX40T-CCV Datasheet HTML 1Page - Hirose Electric EX40T-CCV Datasheet HTML 2Page - Hirose Electric EX40T-CCV Datasheet HTML 3Page - Hirose Electric EX40T-CCV Datasheet HTML 4Page - Hirose Electric EX40T-CCV Datasheet HTML 5Page - Hirose Electric EX40T-CCV Datasheet HTML 6Page - Hirose Electric EX40T-CCV Datasheet HTML 7Page - Hirose Electric EX40T-CCV Datasheet HTML 8Page - Hirose Electric EX40T-CCV Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
sProduct Specification
Ratings
Operation temperature range
Voltage
Current
–55ç to +85ç
125 V AC
1A
2A
Signal contacts
Power supply contacts
sMaterials
qReceptacle
Measured at 250 V DC
Applied a voltage of 350 V AC for one minute.
5% concentration of salt water for 48 hours
Performed 3,000 cycles of insertion/withdrawal.
Frequency: 10 to 55 Hz (5 minutes per cycle)
Total amplitude: Test at 1.5 mm in 3 directions, 2 hours each
Acceleration: 490 m/s2, 11 ms duration
Test with a sine wave in 3 axes, both directions, 3 times
each
Conduct a test of 5 cycles of the following:
Temperature cycle: –55 ➝ +15 to +35➝ +85 ➝ +15 to +35ç
Time
: 30 ➝ +10 to +15➝ +30 ➝ 10 to 15 minutes
Temperature of 40ç±2ç and humidity of 90% to 95%
for 96 hours
Measured at 100 mA
Signal contacts: 40 mø max.
Power supply contacts: 16 mø max.
500 Mø max.
No flashover or insulation breakdown
Contact resistance
Signal contacts: 60 mø max.
Power supply contacts: 24 mø max.
No damage, cracks, or loose parts
No momentary disconnections of 1µs max.
Contact resistance
Signal contacts: 60 mø max.
Power supply contacts: 24 mø max.
No damage, cracks, or loose parts
Contact resistance
Signal contacts: 60 mø max.
Power supply contacts: 24 mø max.
Insulation resistance: 500 Mø max.
No damage, cracks, or loose parts
No conspicuous corrosion
1. Contact resistance
2. Insulation resistance
3. Withstand voltage
4. Mechanical operation
5. Vibration
6. Shock
7. Temperature cycle
8. Steady-state
8. humidity resistance
9. Salt spray
Item
Standard
Condition
Gold plating
UL94U-0
Nickel plating
Solder plating
Copper alloy
LCP
Steel
Stainless steel
Contacts
Insulator
Body
Metal Fitting
Part
Material
Finish
qPlug
Selective gold plating
UL94U-0
Nickel plating
UL94U-0
Copper alloy
LCP
Steel
Polycarbonate
Contacts
Insulator
Body
Strain relief
Part
Material
Finish
qCover
UL94HB
-----
-----
UL94HB
-----
Black nickel plating
Polycarbonate
Stainless steel
Stainless steel
Polycarbonate
Brass
Steel
Cover
Shield
Lock
Push button
Clamp
Metal hold down
Part
Material
Finish


Similar Part No. - EX40T-CCV

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX410 EXTECH-EX410 Datasheet
352Kb / 1P
   Rugged design with built-in IR Thermometer
EX410-NIST EXTECH-EX410-NIST Datasheet
352Kb / 1P
   Rugged design with built-in IR Thermometer
EX410 EXTECH-EX410_15 Datasheet
349Kb / 1P
   Extech 400 Series MultiMeters
EX411 EXTECH-EX411 Datasheet
352Kb / 1P
   Rugged design with built-in IR Thermometer
EX411-NIST EXTECH-EX411-NIST Datasheet
352Kb / 1P
   Rugged design with built-in IR Thermometer
More results

Similar Description - EX40T-CCV

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2520-301-2P-T002 TDK-ACM2520-301-2P-T002 Datasheet
186Kb / 9P
   For high-speed differential signal line, general differential signal lines
ACM2012E-670-2P-T00 TDK-ACM2012E-670-2P-T00 Datasheet
244Kb / 9P
   For high-speed differential signal line, general differential signal line
ACM2012E TDK-ACM2012E Datasheet
244Kb / 9P
   For high-speed differential signal line, general differential signal line
ACM4532-102-3P-T TDK-ACM4532-102-3P-T Datasheet
129Kb / 6P
   For high-speed differential signal line/general signal line
ACM2012-900-2P-T002 TDK-ACM2012-900-2P-T002 Datasheet
90Kb / 4P
   For high-speed differential signal line/general signal line
ACM2012H-T00 TDK-ACM2012H-T00 Datasheet
165Kb / 7P
   For ultra high-speed differential signal line
ACM2012H-T05 TDK-ACM2012H-T05 Datasheet
159Kb / 7P
   For ultra high-speed differential signal line
ACM2012H-T03 TDK-ACM2012H-T03 Datasheet
149Kb / 7P
   For automobile ultra high-speed differential signal line
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com